Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1Z Datasheet(PDF) 2 Page - Recom International Power

Part # R1Z
Description  1 Watt SMD Miniature Isolated Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1Z Datasheet(HTML) 2 Page - Recom International Power

  R1Z Datasheet HTML 1Page - Recom International Power R1Z Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Top View
2.54 x 4=10.16+/-0.5
15.24
8.7
11.10
10.7
8.50
7
2
4
1
10
8.50
2.54 1.20
24
1
RECOM
R1Z-0705/P
1122
5
0.50
1.80
12.0
9.0
Typical Characteristics
R1Z
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
Total Output current (%)
40
Efficiency / Load
60%
80%
20%
20
60
80
3.33.3
3.305
3.312
3.315
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
0515
0505
053.3
Total Output current (%)
0512
Package Style and Pinning (mm)
10 PIN Single SMD Package
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
053.3
0512
0505
0515
Total Output current (%)
Pin Connections
Pin #
Function
1
–Vin
2
+Vin
4
-Vout
5
-Vout
7
+Vout
10
NC
NC= No Connection
R1Z-05xx/P
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
3.305
3.33.3
3.315
Total Output current (%)
3.312
R1Z-3.3xx
R1Z-3.3xx/P
R1Z-05xx
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Ordering Example:
R1Z-0505 (5V Input, 5V Output, not short
circuit protected)
R1Z-0505/HP (5V Input, 5V Output, 2kVDC
Isolation and short circuit protection)
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
123.3
1205
1212
Total Output current (%)
1215
R1Z-12xx/P
R1Z-15xx/P
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
2405
243.3
2412
Total Output current (%)
2415
R1Z-12xx
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
1205
1212
1215
Total Output current (%)
123.3
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
243.3
2412
2415
2405
Total Output current (%)
R1Z-15xx
Notes
Note 1: Maximum capacitive load is defined as the
capacitive load that will allow start up in under
1second without damage to the converter
Note 2: The R1Z series requires a minimum of 10%
load on the output to the maintain specified
regulation. Operating under no-load conditions
will not damage these devices; however, they
may not meet all listed specifications.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-120



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com