Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS352 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS352
Description  Dual 4-Line to 1-Line Data Selectors/Multiplexers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS352 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS352 Datasheet HTML 1Page - National Semiconductor (TI) DM74LS352 Datasheet HTML 2Page - National Semiconductor (TI) DM74LS352 Datasheet HTML 3Page - National Semiconductor (TI) DM74LS352 Datasheet HTML 4Page - National Semiconductor (TI) DM74LS352 Datasheet HTML 5Page - National Semiconductor (TI) DM74LS352 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From
54LS
DM74LS
Symbol
Parameter
(Input)
CL e 15 pF
CL e 50 pF
Units
To
RL e 2kX
(Output)
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to Y
12
24
ns
Low to High Level Output
tPHL
Propagation Delay Time
Data to Y
12
35
ns
High to Low Level Output
tPLH
Propagation Delay Time
Select to Y
22
33
ns
Low to High Level Output
tPHL
Propagation Delay Time
Select to Y
38
47
ns
High to Low Level Output
tPLH
Propagation Delay Time
Strobe to Y
15
29
ns
Low to High Level Output
tPHL
Propagation Delay Time
Strobe to Y
20
41
ns
High to Low Level Output
Logic Diagram
TLF6425 – 2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com