Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1SE-3.305H2-R Datasheet(PDF) 1 Page - Recom International Power

Part # R1SE-3.305H2-R
Description  1 Watt SMD Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1SE-3.305H2-R Datasheet(HTML) 1 Page - Recom International Power

  R1SE-3.305H2-R Datasheet HTML 1Page - Recom International Power R1SE-3.305H2-R Datasheet HTML 2Page - Recom International Power R1SE-3.305H2-R Datasheet HTML 3Page - Recom International Power R1SE-3.305H2-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
±10%
Operating Frequency Range
Vin nominal
20kHz
60kHz
100kHz
Output Ripple and Noise (2)
20MHz BW
50mVp-p
100mVp-p
ECO-1
REV.: 1/2016
www.recom-power.com
Refer to Applications Notes
1 Watt
SMD
Single Output
DC/DC Converter
Features
Unregulated
Converters
• SMD Case Style
• Tape and Reel Packaging
• UL-60950-1 Certified
• High Operating Temperature Range from
-40°C to 100°C
• Efficiency up to 76%
• 2kVDC isolation
R1SE/H2
UL-60950-1 Certified
Description
The R1SE/H2 series are 1W unregulated DC/DC converters that are lower cost than equivalent
converters. The benefits of high volume production and semi-automatic assembly allow for a lower
selling price without sacrificing our high quality standards. They are UL certified for safety, offer
reasonable efficiency and still meet the full industrial operating temperature range of -40° to +100°C.
All converters are 100% tested in production and carry our 3-year warranty.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ.
Load (1)
(VDC)
(VDC)
(mA)
(%)
(µF)
R1SE-3.305/H2-R
3.3
5
200
75
1000
R1SE-0505/H2-R
5
5
200
75
1000
R1SE-0512/H2-R
5
12
84
76
330
R1SE-0515/H2-R
5
15
66
76
220
R1SE-1205/H2-R
12
5
200
73
1000
R1SE-1505/H2-R
15
5
200
74
1000
3 YEAR
warranty
3
E358085
Specifications (measured at Ta= 25°C, nominal input voltage and rated current unless otherwise specified)
xx05
xx12
xx15
100
0
20
40
60
80
0
90
80
70
60
50
40
30
20
10
Output Load (%)
Efficiency vs. Load
Notes:
Note1: Max. capacitive load is defined as the capacitive load that will allow start up in under 1
second without damage to the converter.
Notes:
Note2: Measurements are made with a 100nF MLCC across output. (low ESR)


Similar Part No. - R1SE-3.305H2-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1SE-3.305 RECOM-R1SE-3.305 Datasheet
227Kb / 3P
1 Watt SMD Single Output
More results

Similar Description - R1SE-3.305H2-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-0505-E ETC2-R1S-0505-E Datasheet
110Kb / 2P
1 Watt SMD Single Output
R1SE-0505-R ETC2-R1SE-0505-R Datasheet
98Kb / 2P
1 Watt SMD Single Output
logo
Recom International Pow...
R1SE RECOM-R1SE Datasheet
227Kb / 3P
1 Watt SMD Single Output
R1S-E RECOM-R1S-E Datasheet
111Kb / 2P
1 Watt SMD Single Output
R1SX RECOM-R1SX Datasheet
447Kb / 6P
1 Watt SMD Single Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
R1ZX RECOM-R1ZX Datasheet
388Kb / 5P
1 Watt SMD Single Output
R1M RECOM-R1M Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com