Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-78AA2.5-0.5SMD-R Datasheet(PDF) 4 Page - Recom International Power

Part # R-78AA2.5-0.5SMD-R
Description  0.5 AMP SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78AA2.5-0.5SMD-R Datasheet(HTML) 4 Page - Recom International Power

  R-78AA2.5-0.5SMD-R Datasheet HTML 1Page - Recom International Power R-78AA2.5-0.5SMD-R Datasheet HTML 2Page - Recom International Power R-78AA2.5-0.5SMD-R Datasheet HTML 3Page - Recom International Power R-78AA2.5-0.5SMD-R Datasheet HTML 4Page - Recom International Power R-78AA2.5-0.5SMD-R Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Application Examples
INNOLINE
DC/DC-Converter
+Vin
0V
R-78AA12-0.5SMD
C1
Reprogrammable
Flash Memory
24kW
"Program" = 0V, Pgm Pin = +5V
Flash Memory Program Voltage Switcher
Pgm
Program
220kW
"Program" = high, Pgm Pin = +12,6V
0V
+Vin
GND
R-78AAxx-0.5SMD
GND
+Vout
C1
C2
DC/DC Converter ( 1:1 )
- Improved loading / line regulation
- Wide Input Voltage Range
C1 , C2 : optional
- Point-of-Load Architecture
- High isolation voltage
On/Off
- Remote On/Off Control
R-78AAxx-0.5 SMD
Series
Optional Protection Circuit
R-78A(A)xx
-xxxSMD
GND
+Vout
+Vin
GND
Diode
Trim output voltage
up 1 diode drop
CTRL
Add a blocking diode to Vout
if current can flow backwards
into the output, as this can
damage the converter when it
is powered down.
The diode can either be fitted
across the device if the
source is low impedance or
fitted in series with the output
(recommended).
GND
+Vout
+Vin
GND
R-78A(A)xx
-xxxSMD
CTRL
Optional Protection 1:
Optional Protection 2:
R-78xx-xx
GND
+Vout
+Vin
GND
6800µF
Application example:
Driving a high capacitive load
I-10
www.recom-power.com
REV: 1/2015



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com