Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-78AA2.5-1.0SMD-R Datasheet(PDF) 1 Page - Recom International Power

Part # R-78AA2.5-1.0SMD-R
Description  1.0 AMP SMD Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78AA2.5-1.0SMD-R Datasheet(HTML) 1 Page - Recom International Power

  R-78AA2.5-1.0SMD-R Datasheet HTML 1Page - Recom International Power R-78AA2.5-1.0SMD-R Datasheet HTML 2Page - Recom International Power R-78AA2.5-1.0SMD-R Datasheet HTML 3Page - Recom International Power R-78AA2.5-1.0SMD-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INNOLINE
DC/DC-Converter
with 3 year Warranty
R-78AA-1.0
IEC/EN-60950-1 Certified
RoHS
2011/65/EU
6/6
1.0 AMP
SMD
Single Output
Features
Selection Guide
Part
Input
Output
Adjust
Output
Efficiency
Number
Range
Voltage
Range
Current
Min. Vin Max. Vin
SMD
(V)
(V)
(V)
(A)
(%)
(%)
R-78AA1.5-1.0SMD*
4.75 – 18
1.5
fixed
1.0
77
73
R-78AA1.8-1.0SMD*
4.75 – 18
1.8
1.5~3.0
1.0
82
76
R-78AA2.5-1.0SMD*
4.75 – 18
2.5
1.5~3.0
1.0
87
81
R-78AA3.3-1.0SMD*
4.75 – 18
3.3
3.0~5.5
1.0
90
84
R-78AA5.0-1.0SMD*
6.5 – 18
5.0
3.0~5.5
1.0
94
89
Characteristics
Conditions
Min.
Typ.
Max.
Input Voltage Range
See Table
4.75V
18.0V
Output Voltage Range
See Table
1.5V
5.5V
Output Current
All Series
0mA*
1000mA
Short Circuit Input Current
Vin = 12V
120mA
Internal Power Dissipation
0.4W
Short Circuit Protection
Continuous, automatic recovery
Output Voltage Accuracy
100% Load
±2%
±3%
Adjustable Voltage Range
See Table 1
±50%
Line Voltage Regulation (Vin = min to max at full load)
0.2%
0.4%
Load Regulation (10% to 100% full load)
0.7%
1.0%
Dynamic Load Stability
100%<>50% load, 25mA/µs
±85mV ±100mV
Ripple & Noise (20MHz BW)
20mVp-p 30mVp-p
Temperature Coefficient
-40°C~+85°C ambient
0.015%/°C
Max capacitance Load
with normal start-up time, no external components
470µF
with <1 second start up time + diode protection circuit
6800µF
Switching Frequency
335kHz
385kHz
435kHz
Quiescent Current
Vin = min. to max. at 0% load
5mA
7mA
ON/OFF Remote Control Pin Drive Current
ON: Open or 1.6V<Vr<5V
OFF: GND or 0<Vr<1.6V
Ir=1.8µA typ
Converter Input Current (valid for Vr < 1.6V)
20µA
35µA
Remote On/Off Threshold Voltage (Vr rising)
2.4V
2.6V
2.8V
Remote On/Off Voltage Hysteresis
250mV
Operating Temperature Range
-40°C
+85°C
Switch On/Off Time
(using Remote On/Off Control)
50ms
Operating Case Temperature
+100°C
Storage Temperature Range
-55°C
+125°C
Case Thermal Impedance
70°C / W
continued on next page
Specifications ( typical at 25°C, 10% minimum load, unless otherwise specified )
Description
120
100
20
60
100
75
0
-40
Operating Temperature (°C)
0
80
50
25
60
Safe Operating Area
85
40
30
Derating-Graph
(Ambient Temperature)
● Replacement for R-78Axx-1.0SMD series
● RoHS 6/6 Conform (100% Lead Free)
● High Reflow Temperature SMD Package
● Adjustable Output Voltage
● Short circuit protection, Thermal shutdown
● Remote On/Off Control
● Very Low Shutdown Current
The R-78AAxx-1.0SMD series are manufactured without lead and meet the requirements for RoHS 6/6 as well as
the increased reflow soldering temperatures associated with vapor phase soldering, making these high efficiency
switching regulators ideally suited to modern pick-and-place mass production. The efficiency of up to 94% means
that very little energy is wasted as heat. The additional features of remote on/off control and adjustable output volta-
ges will find many uses in the battery-powered, industrial, medical and automotive markets.
Refer to Application Notes
* add suffix -R for tape&reel packing e.g.
R-78AA5.0-1.0-R. For more details see Application Notes.
www.recom-power.com
I-15
REV: 1/2015


Similar Part No. - R-78AA2.5-1.0SMD-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78AA2.5-0.5SMD-R RECOM-R-78AA2.5-0.5SMD-R Datasheet
120Kb / 5P
0.5 AMP SMD Single Output
More results

Similar Description - R-78AA2.5-1.0SMD-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78A1.8-1.0SMD RECOM-R-78A1.8-1.0SMD Datasheet
148Kb / 4P
1.0 AMP SMD Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
1.0 AMP SIP3 Single Output
R-781.8-1.0 RECOM-R-781.8-1.0 Datasheet
101Kb / 3P
1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
1.0 AMP SIP3 Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
1.0 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
1.0 AMP SIP3 Single Output
R-78T-1.0 RECOM-R-78T-1.0 Datasheet
122Kb / 4P
1.0 AMP SMD Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
1.0 Amp SIP3 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com