Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-78AA6.5-0.5SMD-R Datasheet(PDF) 3 Page - Recom International Power

Part # R-78AA6.5-0.5SMD-R
Description  0.5 AMP SMD Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78AA6.5-0.5SMD-R Datasheet(HTML) 3 Page - Recom International Power

  R-78AA6.5-0.5SMD-R Datasheet HTML 1Page - Recom International Power R-78AA6.5-0.5SMD-R Datasheet HTML 2Page - Recom International Power R-78AA6.5-0.5SMD-R Datasheet HTML 3Page - Recom International Power R-78AA6.5-0.5SMD-R Datasheet HTML 4Page - Recom International Power R-78AA6.5-0.5SMD-R Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INNOLINE
DC/DC-Converter
Characteristics
100
20
10
Efficiency Vs Vin (Full Load)
Vo=1.8V
Vo=3.3V
Vo=5V
Vo=9V
Vo=12V,15 V
50
Vin (V)
30 34
Vo=1.5V
Efficiency
100
0.1
Efficiency Vs Load ( Vin=Max )
Vo=1.8V
Vo=3.3V
Vo=5V
Vo=12V
50
Output Current ( A )
0.2
0.3
0.4
0.5
0.6
Vo=15V
Vo=1.5V
100
0.1
Efficiency Vs Load ( Vin=Min )
Vo=1.8V
Vo=3.3V
Vo=5V
Vo=12,15V
50
Output Current ( A )
0.2
0.3
0.4
0.5
0.6
Vo=1.5V
50
20
10
Ripple Vs Vin (full load)
Vo=1.8V
Vo=3.3V
Vo=5V
Vo=9V
Vo=12V
25
30
Vin (V)
34
Vo=15V
Vo=1.5V
Ripple
50
0.1
Ripple Vs Load ( Vin=24V )
Vo=1.5V
Vo=3.3V
Vo=5V
Vo=12V
25
Output Current ( A )
0.2
0.3
0.4
0.5
0.6
Vo=1.8V
Vo=9V
Vo=15V
25
0.1
Ripple Vs Load ( Vin=Min )
Vo=3.3, 9V
Vo=5V
Vo=12V
10
Output Current ( A )
0.2
0.3
0.4
0.5
0.6
Vo=1.8V
Vo=1.5V
5
15
20
Vo=15V
R-78AAxx-0.5 SMD
Series
www.recom-power.com
I-9
REV: 1/2015



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com