Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-78T12-1.0/AL-R Datasheet(PDF) 3 Page - Recom International Power

Part # R-78T12-1.0/AL-R
Description  1.0 AMP SMD Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78T12-1.0/AL-R Datasheet(HTML) 3 Page - Recom International Power

  R-78T12-1.0/AL-R Datasheet HTML 1Page - Recom International Power R-78T12-1.0/AL-R Datasheet HTML 2Page - Recom International Power R-78T12-1.0/AL-R Datasheet HTML 3Page - Recom International Power R-78T12-1.0/AL-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20.00
5.08
2.54
1.20 ±0.1
Æ 2.00
(2x Mounting Pads)
Package Style and Pinning (mm)
INNOLINE
DC/DC-Converter
R-78Txx-1.0
Series
R-78Txx-1.0/AC
23
25
1 23
2.2
0.64 ±0.1
5.08
2.54
2.2
2.82
10 max.
Top View
Bottom
R-78Txx-1.0/AL
23
25
1 23
2.2
0.64±0.1
5.08
2.54
2.2
2.82
10 max.
5.08
Pin Connections
Pin #
1
+Vin
2
GND
3
+Vout
Top View
Bottom
Tolerance ±0.5mm unless otherwise specified
Tolerance ±0.5mm unless otherwise specified
20.00
2.54
1.20 ±0.1
Æ 2.00
(2x Mounting Pads)
Bottom View
Recommended Footprint
Recommended Footprint
Bottom View
Pin Connections
Pin #
1
+Vin
2
GND
3
+Vout
www.recom-power.com
I-35
REV: 1/2016



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com