Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-535.0PA Datasheet(PDF) 2 Page - Recom International Power

Part # R-535.0PA
Description  2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-535.0PA Datasheet(HTML) 2 Page - Recom International Power

  R-535.0PA Datasheet HTML 1Page - Recom International Power R-535.0PA Datasheet HTML 2Page - Recom International Power R-535.0PA Datasheet HTML 3Page - Recom International Power R-535.0PA Datasheet HTML 4Page - Recom International Power R-535.0PA Datasheet HTML 5Page - Recom International Power R-535.0PA Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Characteristics
Conditions
Min.
Typ.
Max.
Output Voltage Range
All Series
0.8
6.0V
Output Current
R-52xxPA/DA
0.2
2.0A
R-53xxPA/DA
0.3
3.0A
R-54xxPA/DA
0.4
4.0A
R-55xxPA/DA
0.5
5.0A
Output Current Limit
R-52xxPA/DA
2.5
3.0A
R-53xxPA/DA
3.75
4.25A
R-54xxPA/DA
5.0
5.5A
R-55xxPA/DA
6.0
6.5A
Short Circuit Input Current
All Series
50mA
Short Circuit Protection
Continuous, automatic recovery
Output Voltage Accuracy
At 100% Load
All Series
±1%
±2%
Line Voltage Regulation (Vin = min. to max. at full load)
R-52xxPA/DA
0.25
0.5%
R-53xxPA/DA & R-54xxPA/DA & R-55xxPA/DA
0.5
1.0%
Load Regulation (10 to 100% full load)
R-52xxPA/DA
0.5
1.0%
R-53xxPA/DA & R-54xxPA/DA & R-55xxPA/DA
1.0
2.0%
Ripple & Noise
R-52xxPA/DA
40mVp-p
70mVp-p
R-53xxPA/DA & R-54xxPA/DA & R-55xxPA/DA
80mVp-p
120mVp-p
Transient Response (see note 1)
50% Load Change
100µs
200µs
Vout Over / Undershoot
100mV
Remote ON / OFF (see note 2)
Open or High (Power ON)
4.5
18V
(positive logic)
Low (Power OFF)
0.8V
Remote Off Input Current
Remote ON/OFF low level
100µA
Max capacitance Load
with normal start-up time, no external diodes
300µF
with <1 second start up time + diode protection circuit
6800µF
Switching Frequency
270
300
330kHz
Quiescent Current
Vin = min. to max. at 0% load
20mA
Operating Temperature Range
-40°C
+85°C
Storage Temperature Range
-40°C
+125°C
Case Material
Non-Conductive Black Plastic
Potting Material
Epoxy (UL94V-0)
Internal Power Dissipation
Io x Vo x (1-Efficiency)
1.4W
Package Weight
9g
Packing Quantity
15 pcs per Tube
MTBF (Nominal Vout, 100% load)
Tamb. = +25°C
749 x 10³ hours
Tamb. = +85°C
150 x 10³ hours
EN General Safety
Report: SPCLVD1301028-1
EN60950-1:2006 + A12:2011
R-5xxxPA_DA
Series
Specifications (refer to the standard application circuit, Ta: 25°C)
INNOLINE
DC/DC-Converter
Notes:
1. Requires an electrolytic or tantalum output capacitor for proper operation in all applications (the capacitor to be placed as close as possible to the output pins)
100µF for R-52xxPA/DA, R-53xxPA/DA and R-54xxPA/DA or 220µF for R-55xxPA/DA.
2. ON / OFF pin driven by TTL (logic gate), open-collector bipolar transistor or open-drain MOSFET.
3. Output Current vs. Input Voltage (see graph below).
Output Current vs Input Voltage
90
60
20
40
1.4
1
0.5
Internal Power Dissipation (W)
0
80
85
How to calculate the max output current
The internal power dissipation(PD)follows the equation:
PD = Io × Vo × (1-
η)
Io = PD / Vo × (1-
η)
Where
PD = Internal power dissipation
Io = Output current
Vo = Output voltage
η = Efficiency
Example: R-545.0P , at Vin = 18Vdc , Vo = 5Vdc ,
η=93% (see "Selection Guide" table)
(a) When Ta = 60°C , PD = 1.4 Watt (see adjacent diagram)
Io = 1.4(W) / 5(V) × (1-0.93) = 4(A)
(b) When Ta = 85°C , PD = 1 Watt (see adjacent diagram)
Io = 1(W) / 5(V) × (1-0.93) = 2.857(A)
(c) At Vin = 12Vdc efficiency = 94% (see "Selection Guide" table)
When Ta = 85°C , PD = 1 Watt (see adjacent diagram)
Io = 1(W) / 5(V) × (1-0.94) =3.33(A)
} DetailedInformationsee
Application Notes chapter "MTBF"
I-46
www.recom-power.com
REV: 1/2016



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com