Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC02-05SC Datasheet(PDF) 1 Page - Recom International Power

Part # RAC02-05SC
Description  1 - 2 Watt Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-05SC Datasheet(HTML) 1 Page - Recom International Power

  RAC02-05SC Datasheet HTML 1Page - Recom International Power RAC02-05SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PA-2
www.recom-power.com
REV: 0/2015
Refer to Application Notes
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC01-C
RAC02-C
EN-60950-1 Certified
UL-60950-1 Certified
E224736
● Ultracompact Low Profile AC-DC Power Supply
● Ultra-low 30mW Standby Power Consumption
● 1 Watt or 2 Watt PCB Mount Package
● Extra Wide Input Voltage Range (80~264VAC)
● Class II Power Supply with 3kVAC Isolation
● -25°C to +85°C Operating Temp
● Low Output Ripple
● Short Circuit Protected Outputs
● EN, UL and CE Certified
Features
Regulated
Converters
Selection Guide
Input Voltage Range (with derating)
80-264VAC or 115-370VDC
Rated Power
1 or 2 Watts max.
Input Frequency Range (for AC Input)
47-63Hz
Input Current (full load)
RAC01 (115/230VAC)
34mA/23mA max.
RAC02 (115/230VAC)
55mA/36mA max.
No Load Power Consumption
@115VAC
30mW typ.
@230VAC
80mW typ.
Inrush Current (<0.5ms)
30/60A max.
Leakage Current
0.25mA max.
Output Voltage Tolerance (combined Tolerance, Line Reg and Load Reg at full load)
±5% max.
Line Voltage Regulation
low line, high line at full load
±2% max.
Load Voltage Regulation
10% to 100% full load
±6% max.
Output Ripple (20MHz BW limited)
3.3V Output
<150mVrms
All others
<100mVrms
Operating Frequency (full load)
30kHz typ.
Minimum Load = 0%
specifications valid for 10% minimum load only
RMS Isolation Voltage (input to output)
3kVAC / 1 minute
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Hiccup, Automatic Restart
Over Voltage Category
OVC II
Operating Temperature Range
(3)
(1W, natural convection, no derating)
-25°C to +80°C
(2W natural convection, no derating)
-25°C to +75°C
(natural convection, with derating)
-25°C to +85°C
Storage Temperature Range
-40°C to +100°C
Humidity
non-condensing
95% RH max
Case Material
Plastic Case, Silicone potting material (UL94V-0)
continued on next page
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25
0
50 60
75
80 90 100
Natural Convection
85
1W
2W
Description
The RAC01-SC and RAC02-SC series are ultra-compact universal input
AC/DC power modules for PCB mounting. They feature high efficiency, low
standby power, high operating temperature, soft start and short-circuit
protection as well as a built-in EMC Class B filter. Output voltages range from
3.3VDC to 24VDC.
Specifications (measured at TA 25°C, full load after warm-up)
Part
Input
Output
Output
Efficiency
Max
Number
Range
Voltage
Current
typ.
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
(1+2)
RAC01-3.3SC
80-264
3.3
300
65
2200µF
RAC02-3.3SC
600
66
2700µF
RAC01-05SC
80-264
5
200
68
1600µF
RAC02-05SC
400
70
2000µF
RAC01-09SC
80-264
9
111
70
470µF
RAC02-09SC
222
72
560µF
RAC01-12SC
80-264
12
83
72
180µF
RAC02-12SC
167
74
200µF
RAC01-15SC
80-264
15
67
72
180µF
RAC02-15SC
133
74
200µF
RAC01-24SC
80-264
24
42
73
68µF
RAC02-24SC
83
77
68µF
Derating-Graph
(Ambient Temperature)
1 - 2 Watt
Single
Output
RoHS
2011/65/EU
6/6


Similar Part No. - RAC02-05SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC02-05SC RECOM-RAC02-05SC Datasheet
123Kb / 2P
1 - 2 Watt Single Output
RAC02-05SC RECOM-RAC02-05SC Datasheet
81Kb / 2P
Ultracompact Low Profile AC-DC Power Supply
RAC02-05SC/277 RECOM-RAC02-05SC/277 Datasheet
81Kb / 2P
35mW max of No Load Power Consumption, Output CV/CC Control
More results

Similar Description - RAC02-05SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
20 Watt 1??x 2??Single Output
RAC01-3.3SC RECOM-RAC01-3.3SC Datasheet
123Kb / 2P
1 - 2 Watt Single Output
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
3 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
6 Watt 2:1 regulated single & dual output
logo
Recom International Pow...
RPP20-2424S RECOM-RPP20-2424S Datasheet
103Kb / 6P
20 Watt 2 1 Single Dual Output
RAC02-SE RECOM-RAC02-SE Datasheet
271Kb / 3P
2 Watt Single Output
RAC02-SE-277 RECOM-RAC02-SE-277 Datasheet
387Kb / 4P
2 Watt Single Output
RAC02-SE-277-W RECOM-RAC02-SE-277-W Datasheet
363Kb / 4P
2 Watt Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
20 Watt 2” x 1” Single Output
REV.: 0/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com