Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC03-SC Datasheet(PDF) 1 Page - Recom International Power

Part # RAC03-SC
Description  3 Watt Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC03-SC Datasheet(HTML) 1 Page - Recom International Power

  RAC03-SC Datasheet HTML 1Page - Recom International Power RAC03-SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications (measured at TA 25°C, full load after warm-up)
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC03-SC
3 Watt
Single
Output
● Ultracompact Low Profile AC-DC Power Supply
● 3 Watt PCB Mount Package
● Universal Input Voltage Range
● Class II Power Supply with 3kVAC Isolation
● Only 80mW Consumption in Standby
● -25°C to +85°C Operating Temperature
● Low Output Ripple/Noise
● Short Circuit Protected Outputs
● EN, UL and CE Certified
Features
Regulated
Converters
Selection Guide
Input Voltage Range (with derating)
80-264VAC or 115-370VDC
Rated Power
3 Watts max.
Input Frequency Range (for AC Input)
47-63Hz
Input Current (full load)
115/230VAC
85mA/40mA max.
No Load Power Consumption
80mW typ.
Inrush Current (<0.5ms)
115/230VAC
30/60A max.
Leakage Current
0.85mA max.
Output Voltage Tolerance (combined Tolerance, Line Reg and Load Reg at full load)
±5% max.
Line Voltage Regulation
low line, high line at full load
±3% max.
Load Voltage Regulation
10% to 100% full load
±6% max.
Output Ripple and Noise
3.3V, 3.8V, 5V Output
120mVp-p max.
(20MHz BW limited)
All others
150mVp-p max.
Operating Frequency @ full load
35kHz typ
Hold-up Time
115 VAC
15ms typ.
230VAC
80ms typ.
Minimum Load = 0%
specifications valid for 10% minimum load only
RMS Isolation Voltage
input to output
3kVAC / 1 minute
Isolation Resistance
input to output
1 G
Ω min.
Isolation Capacitance
input to output
1000pF typ.
Short Circuit Protection
Hiccup, Automatic Restart
Over Voltage Category
OVC II
Operating Temperature Range
(3)
(natural convection, without derating)
-25°C to +75°C
(natural convection, with derating)
-25°C to +85°C
Storage Temperature Range
-40°C to +100°C
Humidity
non-condensing
95% RH max
Case Material
Plastic Case, Silicon filled (UL94V-0)
Package Weight
30g
Packing Quantity
12 pcs
EMC
Conducted and Radiated
EN 55022 Class B
Noise Immunity
EN 55024
continued on next page
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25
0
50 60 70 80 90 100
Natural Convection
75 85
Description
The RAC03-SC series is an ultra-compact universal input AC/DC power
module for PCB mounting. It features high efficiency, low standby power,
high operating temperature, soft start, low output ripple/noise, overload
and short-circuit protection as well as a built-in EMC Class B filter. Output
voltages range from 3.3VDC to 24VDC, including a 3.8VDC version
designed for battery chargers and GSM modems.
Part
Input
Output
Output
Efficiency
Max
Number
Range
Voltage
Current
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
(1+2)
RAC03-3.3SC
80-264
3.3
900
67
6800µF
RAC03-3.8SC
80-264
3.8
900
67
6800µF
RAC03-05SC
80-264
5
600
72
4000µF
RAC03-09SC
80-264
9
333
76
3000µF
RAC03-12SC
80-264
12
250
76
680µF
RAC03-15SC
80-264
15
200
76
470µF
RAC03-24SC
80-264
24
125
78
200µF
EN-60950-1 Certified
UL-60950-1 Certified
E224736
RoHS
2011/65/EU
6/6
Refer to Application Notes
Derating-Graph
(Ambient Temperature)
PA-6
www.recom-power.com
REV: 0/2015


Similar Part No. - RAC03-SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-SE RECOM-RAC03-SE Datasheet
293Kb / 3P
3 Watt Single Output
RAC03-SE-277 RECOM-RAC03-SE-277 Datasheet
419Kb / 4P
3 Watt Single Output
RAC03-SE-277-W RECOM-RAC03-SE-277-W Datasheet
377Kb / 4P
3 Watt Single Output
RAC03-SE277 RECOM-RAC03-SE277 Datasheet
428Kb / 4P
30mW max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
30mW max. No Load Power Consumption
More results

Similar Description - RAC03-SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-3.3SC RECOM-RAC03-3.3SC Datasheet
101Kb / 2P
3 Watt Single Output
RAC03-SE RECOM-RAC03-SE Datasheet
293Kb / 3P
3 Watt Single Output
RAC03-SER RECOM-RAC03-SER Datasheet
354Kb / 3P
3 Watt Single Output
RAC03-SE-277 RECOM-RAC03-SE-277 Datasheet
419Kb / 4P
3 Watt Single Output
RAC03-SE-277-W RECOM-RAC03-SE-277-W Datasheet
377Kb / 4P
3 Watt Single Output
RAC03-SER-277 RECOM-RAC03-SER-277 Datasheet
385Kb / 4P
3 Watt Single Output
RACD03-PSE RECOM-RACD03-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RKZ3 RECOM-RKZ3 Datasheet
632Kb / 6P
3 Watt SIP7 Single Output
RS3K-Z RECOM-RS3K-Z Datasheet
2Mb / 4P
3 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com