Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-7315P Datasheet(PDF) 4 Page - Recom International Power

Part # R-7315P
Description  2, 3, 4 AMP SIP12 Vertical & Horizontal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-7315P Datasheet(HTML) 4 Page - Recom International Power

  R-7315P Datasheet HTML 1Page - Recom International Power R-7315P Datasheet HTML 2Page - Recom International Power R-7315P Datasheet HTML 3Page - Recom International Power R-7315P Datasheet HTML 4Page - Recom International Power R-7315P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Output
Input
C1
L2
C2
L2
R-746.5
Output
Input
L1
C4
C1
C3
L2
C2
L2
R-746.5
INNOLINE
DC/DC-Converter
EMC EN55022 Filter Suggestion
R-7xxxP_D
Series
I-58
www.recom-power.com
REV: 2/2016
Package Style and Pinning (mm)
Pin Connections
Pin #
Name
Description
1
ON / OFF
Input pin : Active low (less than 0.8V) to disable the device
2, 3, 4
Vin
Power input
5, 6, 7, 8
GND
Input and output ground (common)
9 , 10, 11
Vout
Power output
12
Vout-Adj
With external resistors R1,R2 to selected output voltage
Bottom
View
1 2 3 4 5 6 7 8 9
2.54
0.70
4.00
15.00
32.2
10 11 12
2.13
9.1
0.20
Bottom
View
4.0
0.70
0.7
1 2 3 4 5 6 7 8 9
2.54
0.70
15.00
32.2
10 11 12
9.1
0.20
RECOM
R- 723.3P
RECOM
R- 723.3D
2.13
MAX 17.00
Front
(Label)
Front
(Label)
SIP12 PIN Package
Tolerance: xx.x
±0.5mm
xx.xx
±0.25mm
Class A
Class B
Vin= 24VDC
Vin= 24VDC
C1 and C2
L2
33μF
0.45mH CMC
L1
L2
2mH
0.45mH CMC
C1 and C2
C3
C3
C4
33μF
10μF
10μF
1NF/2kV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com