Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0402NF Datasheet(PDF) 1 Page - STMicroelectronics

Part # X0402NF
Description  4A SCRS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0402NF Datasheet(HTML) 1 Page - STMicroelectronics

  X0402NF Datasheet HTML 1Page - STMicroelectronics X0402NF Datasheet HTML 2Page - STMicroelectronics X0402NF Datasheet HTML 3Page - STMicroelectronics X0402NF Datasheet HTML 4Page - STMicroelectronics X0402NF Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
X04 Series
SENSITIVE
4A SCRS
September 2000 - Ed: 3
MAIN FEATURES:
DESCRIPTION
Thanks to highly sensitive triggering levels, the
X04 SCR series is suitable for all applications
where the available gate current is limited, such as
capacitive discharge ignitions, motor control in
kitchen aids, overvoltage crowbar protection in low
power supplies...
Symbol
Value
Unit
IT(RMS)
4A
VDRM/VRRM
600 and 800
V
IGT
50 to 200
µA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tl = 60°C
4
A
Tamb = 25°C
1.35
IT(AV)
Average on-state current (180° conduction angle)
Tl = 60°C
2.5
A
Tamb = 25°C
0.9
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
33
A
tp = 10 ms
30
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
4.5
A2S
dI/dt
Critical rate of rise of on-state current
IG =2 x IGT ,tr ≤ 100ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
1.2
A
PG(AV)
Average gate power dissipation
Tj = 125°C
0.2
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40to+ 150
-40to+ 125
°C
TO202-3
(X04xxF)


Similar Part No. - X0402NF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0402NF STMICROELECTRONICS-X0402NF Datasheet
194Kb / 4P
SENSITIVE GATE SCR
X0402NF STMICROELECTRONICS-X0402NF Datasheet
677Kb / 6P
SENSITINE GATE SCR
logo
Inchange Semiconductor ...
X0402NF ISC-X0402NF Datasheet
239Kb / 3P
isc Thyristors
More results

Similar Description - X0402NF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS420 STMICROELECTRONICS-TS420 Datasheet
139Kb / 8P
4A SCRs
Sep-2000
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
4A SENSITIVE SCRs
logo
Tiger Electronic Co.,Lt...
X0402DE TGS-X0402DE Datasheet
80Kb / 1P
4A SCRS
logo
Nell Semiconductor Co.,...
4PT06AI-S NELLSEMI-4PT06AI-S Datasheet
199Kb / 6P
Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT_14 Datasheet
475Kb / 7P
Sensitive gate SCRs, 4A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
Sensitive gate SCRs, 4A
logo
Kersemi Electronic Co.,...
TS420-600B KERSEMI-TS420-600B Datasheet
469Kb / 8P
4A SCRs
logo
Zibo Seno Electronic En...
X0405 ZSELEC-X0405 Datasheet
264Kb / 4P
4A SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com