Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8544IPFB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544IPFB
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544IPFB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8544IPFB Datasheet HTML 9Page - Texas Instruments DAC8544IPFB Datasheet HTML 10Page - Texas Instruments DAC8544IPFB Datasheet HTML 11Page - Texas Instruments DAC8544IPFB Datasheet HTML 12Page - Texas Instruments DAC8544IPFB Datasheet HTML 13Page - Texas Instruments DAC8544IPFB Datasheet HTML 14Page - Texas Instruments DAC8544IPFB Datasheet HTML 15Page - Texas Instruments DAC8544IPFB Datasheet HTML 16Page - Texas Instruments DAC8544IPFB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
THEORY OF OPERATION
D/A SECTION
_
+
Resistor String
VREF +
VREF −
DAC Register
VOUT
External Reference (–)
External Reference (+)
VFB
R
R
V
OUT
+ 2
V
REF* ) (VREF) * VREF*)
D
65536
(1)
RESISTOR STRING
VREF+
To Output
Amplifier
R
R
R
R
VREF–
OUTPUT AMPLIFIER
DAC8544
SLAS420 – MAY 2004
The architecture of the DAC8544 consists of four string DACs followed by an output buffer amplifier. Figure 30
shows a block diagram of the DAC architecture.
Figure 30. DAC8544 Architecture
The input coding to the DAC8544 is unsigned binary, which gives the ideal output voltage as:
where
• D = decimal equivalent of the binary code that is loaded to the DAC register; it can range from 0 to 65535.
The resistor string section is shown in Figure 31. It is simply a divide-by-two resistor, followed by a string of
resistors, each of value R. The code loaded into the DAC register determines at which node on the string the
voltage is tapped off, to be fed into the output amplifier, by closing one of the switches connecting the string to
the amplifier. Because it is a string of resistors, it is assured monotonic.
Figure 31. Resistor String
The output buffer is capable of generating rail-to-rail voltages at its output, which gives an output range of 0 V to
VREF+. It is capable of driving a load of 2 kΩ in parallel with 1000 pF to GND. The source and sink capabilities of
the output amplifier can be seen in the typical curves. The slew rate is 1 V/
µs with a full-scale settling time of 10
µs with the output loaded. The feedback and gain setting resistors of the amplifier are in the order of 50 kΩ. Their
absolute value can be off significantly, but they are matched to within 0.1%.
The inverting input of the output amplifier is brought out to the VFB pin, through the feedback resistor. This allows
for better accuracy in critical applications by tying the VFB point and the amplifier output together at the load.
Other signal conditioning circuitry may also be connected between these points for specific applications including
current sourcing.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com