Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1943GS Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1943GS
Description  Machine Insertable, Wave Solderable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1943GS Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1943GS Datasheet HTML 1Page - IXYS Corporation CPC1943GS Datasheet HTML 2Page - IXYS Corporation CPC1943GS Datasheet HTML 3Page - IXYS Corporation CPC1943GS Datasheet HTML 4Page - IXYS Corporation CPC1943GS Datasheet HTML 5Page - IXYS Corporation CPC1943GS Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1943-R08
1
CPC1943
Optically Coupled
AC Power Switch
Part #
Description
CPC1943G
6-Pin Dip (50/Tube)
CPC1943GS
6-Pin Surface Mount (50/Tube)
CPC1943GSTR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Blocking Voltage
400
V
P
Load Current
500
mA
rms
On State Voltage Drop
1.4
V
rms (at IL = 500mArms)
Applications
Features
Description
Ordering Information
Pin Configuration
Programmable Control
Process Control
Power Control Panels
Remote Switching
Gas Pump Electronics
Contactors
Large Relays
Solenoids
Motors
Heaters
Load Current up to 0.5A
rms
400V
P Blocking Voltage
5mA Sensitivity
Zero-Crossing Detection
DC Control, AC Output
Optically Isolated
TTL and CMOS Compatible
Low EMI and RFI Generation
High Noise Immunity
Machine Insertable, Wave Solderable
Flammability classification rating of V-0
Approvals
UL 508 Certified Component: File E69938
CSA Certified Component: File 043639
The CPC1943 is an AC Solid State Switch using
optical coupling with dual power SCR outputs to
produce an alternative to optocoupler and Triac
circuits. The CPC1943 switches are robust enough to
provide a blocking voltage of up to 400V
P . In addition,
tightly controlled zero cross circuitry ensures switching
of AC loads without the generation of transients.
The input and output circuits are optically coupled
to provide 3750V
rms of isolation and noise immunity
between control and load circuits. As a result the
CPC1943 is well suited for industrial environments
where electromagnetic interference could disrupt the
operation of electromechanical relays.
ZC
1
3
2
4
5
6
AC Load
AC Load
- LED
+ LED


Similar Part No. - CPC1943GS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1943GS CLARE-CPC1943GS Datasheet
95Kb / 5P
AC Power Switch
CPC1943GS CLARE-CPC1943GS Datasheet
111Kb / 5P
AC Power Switch
CPC1943GS CLARE-CPC1943GS Datasheet
125Kb / 6P
AC Power Switch
logo
Littelfuse
CPC1943GS LITTELFUSE-CPC1943GS Datasheet
172Kb / 6P
Optically Coupled AC Power Switch
11/18/2025
logo
Clare, Inc.
CPC1943GSTR CLARE-CPC1943GSTR Datasheet
95Kb / 5P
AC Power Switch
More results

Similar Description - CPC1943GS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1777 IXYS-CPC1777 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1779 IXYS-CPC1779 Datasheet
195Kb / 7P
Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1908 IXYS-CPC1908 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
Machine Insertable, Wave Solderable
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
Machine Insertable, Wave Solderable
CPC1961 IXYS-CPC1961 Datasheet
121Kb / 7P
Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com