Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1964B Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1964B
Description  Low EMI and RFI Generation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1964B Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1964B Datasheet HTML 1Page - IXYS Corporation CPC1964B Datasheet HTML 2Page - IXYS Corporation CPC1964B Datasheet HTML 3Page - IXYS Corporation CPC1964B Datasheet HTML 4Page - IXYS Corporation CPC1964B Datasheet HTML 5Page - IXYS Corporation CPC1964B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1964B-R03
1
CPC1964B
AC Power Switch
Part #
Description
CPC1964B
8-Pin Power SOIC (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
20 - 280
V
rms
Load Current
1.5
A
rms
On-State Voltage Drop
1.4
V
P (at IL = 1.5AP)
Blocking Voltage
800
V
P
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Meters
• Load Current up to 1.5A
rms
• 800V
P Blocking Voltage
• 5mA Sensitivity
• 5000V
rms Input to Output Isolation
• Off-State dV/dt: 1000V/
s Minimum
• 12.5mm External Creepage Distance with
Appropriate Layout
• Zero-Cross Switching
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
CPC1964B is an AC Solid State Switch utilizing
dual power SCR outputs. This device also includes
zero-cross turn-on circuitry and is specified with a
blocking voltage of 800V
P .
In addition, the tightly controlled zero-cross circuitry
ensures low noise switching of AC loads by minimizing
the generation of transients. The optically coupled
input and output circuits provide 5000V
rms of isolation
between the control and load circuits. As a result, the
CPC1964B is well suited for industrial environments
where electromagnetic interference would disrupt the
operation of plant facility communication and control
systems.
Approvals
• UL 508 Certified Component: File E69938
• CSA Industrial Control Switches Approval: Pending
– LED
+ LED
AC Load
AC Load
ZC
N/C
N/C
12
3
4
87
6
5


Similar Part No. - CPC1964B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1964BX6 IXYS-CPC1964BX6 Datasheet
117Kb / 6P
Machine Insertable, Wave Solderable
More results

Similar Description - CPC1964B

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC207 CALMIRCO-PRC207 Datasheet
30Kb / 2P
CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
logo
Glenair, Inc.
440FS143XM08 GLENAIR-440FS143XM08 Datasheet
406Kb / 2P
Composite Ultra Low Profile EMI/RFI
440HS144XM08 GLENAIR-440HS144XM08 Datasheet
396Kb / 2P
Composite Ultra Low Profile EMI/RFI
logo
Microsemi Corporation
APT24M120L MICROSEMI-APT24M120L Datasheet
213Kb / 4P
Fast switching with low EMI/RFI
logo
Glenair, Inc.
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
EMI/RFI Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
EMI/RFI Backshell
logo
IXYS Corporation
CPC1972 IXYS-CPC1972 Datasheet
114Kb / 7P
Low EMI and RFI Generation
CPC1976 IXYS-CPC1976 Datasheet
116Kb / 6P
Low EMI and RFI Generation
logo
Fairchild Semiconductor
42007 FAIRCHILD-42007 Datasheet
396Kb / 6P
Safety, EMI and RFI Considerations
logo
Sangdest Microelectroni...
120NQ600-1 SMC-120NQ600-1 Datasheet
276Kb / 4P
Reduced RFI and EMI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com