Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN10H220L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN10H220L
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN10H220L Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN10H220L Datasheet HTML 1Page - Diodes Incorporated DMN10H220L Datasheet HTML 2Page - Diodes Incorporated DMN10H220L Datasheet HTML 3Page - Diodes Incorporated DMN10H220L Datasheet HTML 4Page - Diodes Incorporated DMN10H220L Datasheet HTML 5Page - Diodes Incorporated DMN10H220L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN10H220L
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
0.5
1
1.5
2
2.5
3
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristic
DS
V
= 3.5V
GS
V
= 4.0V
GS
V
= 8.0V
GS
V
= 9.0V
GS
V
= 10V
GS
V
= 4.5V
GS
V
= 5.0V
GS
V
= 6.0V
GS
0
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
V
= 10V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
1
2
3
4
5
6
7
8
9
10
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 4.5V
GS
V
= 10V
GS
2
4
6
8
10
12
14
16
18
20
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristic
I = 200mA
D
I = 100mA
D
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0
1
2
3
4
5
6
7
8
9
10
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
V
= 4.5V
I = 5A
GS
D
V
=V
I = 10A
GS
D
10
DMN10H220L
Document number: DS36720 Rev. 3 - 2
3 of 6
www.diodes.com
July 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com