Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECS Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # PECS
Description  Conductive Polymer Aluminum Solid Capacitor (SMT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PECS Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  PECS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PECS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conductive Polymer Aluminum
Solid Capacitor (SMT)
PECS Series
dsada
ELECTRICAL CHARACTERISTICS
Note:
1.
Test condition: 20
⁰C, 100KHz~300KHz
2.
Test condition:105
⁰C, 100KHz
SOLDERING RECOMMENDATION
Item
Working Voltage
Capacitance
Tolerance
tanφ
Leakage Current
ESR
1
Rated Ripple Current
2
(VDC)
(μF)
(μA)
(mΩ) MAX
(mArms)
PECS2R0101M
xxxx
2.0
100
±20%
0.06
12.0
18.0
2.5
PECS2R0221M
xxxx
2.
0
220
±20%
0.06
6.4
15.0
2.7
PECS2R0221M
xxxx
2.0
220
±20%
0.06
26.4
9.0
3.0
PECS2R0331Y
xxxx
2.0
330
+10%/-35% 0.06
39.6
9.0
3.0
PECS2R0331M
xxxx
2.0
330
±20%
0.06
39.6
9.0
3.0
PECS2R0331M
xxxx
2.0
330
±20%
0.06
39.6
6.0
3.5
PECS2R5101M
xxxx
2.0
100
±20%
0.06
15.0
18.0
2.5
PECS2R5221M
xxxx
2.5
220
±20%
0.06
33.0
15.0
2.7
PECS2R5221M
xxxx
2.5
220
±20%
0.06
33.0
9.0
3.0
PECS2R5331Y
xxxx
2.5
33
0
+10%/-35% 0.06
49.5
9.0
3.0
PECS2R5331M
xxxx
2.5
330
±20%
0.06
49.5
9.0
3.0
PECS2R5331M
xxxx
2.5
330
±20%
0.06
49.5
6.0
3.5
PECS6R3101M
xxxx
6.3
100
±20%
0.06
25.2
15.0
2.7
PECS6R3151M
xxxx
6.3
150
±20%
0.06
37.8
15.0
2.7
PECS6R3151M
xxxx
6.3
150
±20%
0.06
37.8
12.0
3.0
Zone
Name
Temperature
Duration
A
1
st rising temperature
The normal to preheating temperature
30s~60s
B
Preheating
140
⁰C~160⁰C
60s~120s
C
2
nd rising temperature
Preheating to 200
⁰C
20s~40s
D
Main heating
If 220/240
⁰C
30s~60s
If 250/260
⁰C
20s~40s
Peak temperature
5s~10s
E
Regular cooling
200
⁰C~100⁰C
1
⁰C/s ~4⁰C/s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com