Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP75-A Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # TP75-A
Description  75W Triple Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP75-A Datasheet(HTML) 2 Page - Astrodyne Corporation

  TP75-A Datasheet HTML 1Page - Astrodyne Corporation TP75-A Datasheet HTML 2Page - Astrodyne Corporation TP75-A Datasheet HTML 3Page - Astrodyne Corporation TP75-A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
75W Triple Output with PFC Function
TP75 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range (Note 3)
90-264VAC / 127-370 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)
20 Amps @ 230VAC
Input Current
1.5 Amps max @ 115VAC
0.8 Amps max @ 230VAC
Leakage current
< 2mA / 240 VAC
Power Factor @ FL
PF > 0.95/230VAC
>0.98/115VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±1.0%
Load Regulation
See Selection Chart
Voltage Tolerance (Note 2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
36mS
Setup, Rise Time @ FL
800mS, 60mS
Over Voltage Protection
5Volts(DC) only: 5.75~6.75Volts(DC)
Shutdown o/p voltage, re-power
Over Current Protection
105~150% rated ourtput power
Hiccup mode, auto-recover
DC Voltage Adjust
5Volts(DC) : 4.5~5.5Volts(DC)
GENERAL SPECIFICATIONS
Safety
UL60950-1
TUV EN60950-1 approved
Insulation Resistance
≥ 100MΩ / 500 Volts(DC)
EMI
Compliance to EN55022 (CISPR22)
Class B
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
70% typ.
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground 1min
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11;
ENV50204, EN55024
light industry level, criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20 to +90% RH non cond
Temperature Coefficient
±0.03% / °C (0-50°C)
MTBF
198.4KHrs min, MIL-HDBK-217F (25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
179 x 99 x 33
Inches
7.05” x 3.90” x 1.30”
Weight
22.93 oz (650g)
NOTE
1. Ripple and Noise are measured at 20MHz of bandwidth by using a
12” twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor.
2. Tolerance: includes set up tolerance, line regulation and load regula-
tion.
3. Derating may be needed under low input voltages. Please check the
derating curve for more details.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com