Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8201 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC8201
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8201 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC8201 Datasheet HTML 1Page - Toshiba Semiconductor TPC8201 Datasheet HTML 2Page - Toshiba Semiconductor TPC8201 Datasheet HTML 3Page - Toshiba Semiconductor TPC8201 Datasheet HTML 4Page - Toshiba Semiconductor TPC8201 Datasheet HTML 5Page - Toshiba Semiconductor TPC8201 Datasheet HTML 6Page - Toshiba Semiconductor TPC8201 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC8201
2003-02-20
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSVI)
TPC8201
Lithium Ion Battery Applications
Portable Equipment Applications
Notebook PCs
l Low drain−source ON resistance
: RDS (ON) = 37 mΩ (typ.)
l High forward transfer admittance : |Yfs| = 6 S (typ.)
l Low leakage current
: IDSS = 10 µA (max) (VDS = 30 V)
l Enhancement−mode
: Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
D C
(Note 1)
ID
5
Drain curren
Pulse
(Note 1)
IDP
20
A
Single-device
operation
(Note 3a)
PD (1)
1.5
Drain power
dissipation
(t = 10s)
(Note 2a)
Single-device value
at dual operation
(Note 3b)
PD(2)
1.1
W
Single-device
operation
(Note 3a)
PD (1)
0.75
Drain power
dissipation
(t = 10s)
(Note 2b)
Single-device value
at dual operation
(Note 3b)
PD (2)
0.45
W
Single pulse avalanche energy
(Note 4)
EAS
32.5
mJ
Avalanche current
IAR
5
A
Repetitive avalanche energy
Single-device value at operation
(Note 2a, 3b, 5)
EAR
0.1
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For (Note 1), (Note 2a), (Note 2b), (Note 3a), (Note 3b), (Note 4) and (Note 5) please refer to the next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1E
Weight: 0.08 g (typ.)
Circuit Configuration


Similar Part No. - TPC8201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8202 TOSHIBA-TPC8202 Datasheet
339Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
logo
VBsemi Electronics Co.,...
TPC8205 VBSEMI-TPC8205 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Toshiba Semiconductor
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
More results

Similar Description - TPC8201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com