Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF-RQ50-10-0 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CMF-RQ50-10-0
Description  Telecom CPTC Resettable Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMF-RQ50-10-0 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CMF-RQ50-10-0 Datasheet HTML 1Page - Bourns Electronic Solutions CMF-RQ50-10-0 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions
CMF-RQ SERIES, REV. B, 11/07
COPYRIGHT' 2007, BOURNS, INC. LITHO IN U.S.A., MF0725 08/07
How to Order
CMF - RQ 50 - 10 - 0
Product Designator
Style
RQ = Radial Quad Package
Rated Resistance (RN)
50 (50 Ohms)
Rated Resistance Tolerance
-10 = ±10 %
Blank = ±20 % (Standard)
Packaging Options
- 0 = Bulk Packaging
Typical Part Marking
Represents total content. Layout may vary.
C450M7G
MANUFACTURER'S
TRADEMARK
QUAD
CERAMIC
CASE
PART
IDENTIFICATION:
50M = CMF-RQ50
50K = CMF-RQ50-10
YEAR CODE:
7 = 2007
BI-WEEKLY
DATE CODE:
WEEK 13-14 = G
CMF-RQ Series - Telecom CPTC Resettable Fuses
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com