Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R055/90U Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-R055/90U
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R055/90U Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-R055/90U Datasheet HTML 1Page - Bourns Electronic Solutions MF-R055/90U Datasheet HTML 2Page - Bourns Electronic Solutions MF-R055/90U Datasheet HTML 3Page - Bourns Electronic Solutions MF-R055/90U Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Environmental Characteristics
Operating/Storage Temperature ...................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State............................................ 125 °C
Passive Aging .................................................. +85 °C, 1000 hours...........................................±5 % typical resistance change
Humidity Aging................................................. +85 °C, 85 % R.H. 1000 hours .........................±5 % typical resistance change
Thermal Shock ................................................ +125 °C to -55 °C, 10 times..............................±10 % typical resistance change
Solvent Resistance.......................................... MIL-STD-202, Method 215 ...............................No change
Vibration .......................................................... MIL-STD-883C, Method 2007.1,.......................No change
Condition A
Test Procedures And Requirements For Model MF-R/90 Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. .................................................... Verify dimensions and materials .......................Per MF physical description
Resistance....................................................... In still air @ 23 °C.............................................Rmin
≤ R ≤ Rmax
Time to Trip...................................................... 5 times Ihold, Vmax, 23 °C ...............................T
≤ max. time to trip (seconds)
Hold Current .................................................... 30 min. at Ihold .................................................No trip
Trip Cycle Life.................................................. Vmax, Imax, 100 cycles....................................No arcing or burning
Trip Endurance ................................................ Vmax, 48 hours.................................................No arcing or burning
UL File Number...........................
..................... E174545
TÜV File Number............................................. R2057213
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Initial
Resistance
Values
One Hour
Post-Trip
Resistance
Standard
Trip
Max. Time
to Trip
Nominal
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
Min.
Max.
Max.
Typ.
MF-R055/90
90
10
0.55
1.1
0.45
0.9
2.0
1.6
60
2.0
MF-R055/90U
90
10
0.55
1.1
0.45
0.9
2.0
1.6
28
2.0
MF-R075/90
90
10
0.75
1.5
0.37
0.75
1.65
2.0
60
2.5
Features
Radial leaded devices
Cured, flame retardant epoxy polymer
insulating material meets UL 94V-0
requirements
RoHS compliant* and halogen free*
Agency recognition:
Applications
Almost anywhere there is a load to be
protected with a voltage supply of up to
90 V, including:
Broadband cable power passing taps
Set-top boxes
MF-R/90 Series - PTC Resettable Fuses
Thermal Derating Chart - Ihold / Itrip (Amps)
Model
Ambient Operating Temperature
-40 ºC
-20 ºC
0 ºC
23 ºC
40 ºC
50 ºC
60 ºC
70 ºC
85 ºC
MF-R055/90
0.85 / 1.7
0.75 / 1.5
0.65 / 1.3
0.55 / 1.1
0.45 / 0.9
0.4 / 0.8
0.35 / 0.7
0.3 / 0.6
0.22 / 0.44
MF-R055/90U
0.85 / 1.7
0.75 / 1.5
0.65 / 1.3
0.55 / 1.1
0.45 / 0.9
0.4 / 0.8
0.35 / 0.7
0.3 / 0.6
0.22 / 0.44
MF-R075/90
1.15 / 2.3
1.0 / 2.0
0.9 / 1.8
0.75 / 1.5
0.61 / 1.22
0.55 / 1.1
0.48 / 0.96
0.41 / 0.82
0.30 / 0.6
“U” suffix indicates product without insulation coating.
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - MF-R055/90U

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R055/90U BOURNS-MF-R055/90U Datasheet
136Kb / 4P
PTC Resettable Fuses
MF-R055/90U BOURNS-MF-R055/90U Datasheet
310Kb / 4P
PTC Resettable Fuses
MF-R055/90U-0-99 BOURNS-MF-R055/90U-0-99 Datasheet
136Kb / 4P
PTC Resettable Fuses
MF-R055/90U-2-99 BOURNS-MF-R055/90U-2-99 Datasheet
136Kb / 4P
PTC Resettable Fuses
MF-R055/90U-AP-99 BOURNS-MF-R055/90U-AP-99 Datasheet
136Kb / 4P
PTC Resettable Fuses
More results

Similar Description - MF-R055/90U

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com