Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54161W Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54161W
Description  Synchronous 4-Bit Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54161W Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DM54161W Datasheet HTML 2Page - National Semiconductor (TI) DM54161W Datasheet HTML 3Page - National Semiconductor (TI) DM54161W Datasheet HTML 4Page - National Semiconductor (TI) DM54161W Datasheet HTML 5Page - National Semiconductor (TI) DM54161W Datasheet HTML 6Page - National Semiconductor (TI) DM54161W Datasheet HTML 7Page - National Semiconductor (TI) DM54161W Datasheet HTML 8Page - National Semiconductor (TI) DM54161W Datasheet HTML 9Page - National Semiconductor (TI) DM54161W Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Parameter Measurement Information (Continued)
Switching Time Waveforms
TLF6551 – 7
Note A
The input pulses are supplied by generators having the following characteristics PRR s 1 MHz duty cycle s 50% ZOUT
50X For 161 and 163
tr s 10 ns tf s 10 ns Vary PRR to measure fMAX
Note B
Enable P and enable T setup times are measured at tna0
Note C
For 161 and 163 VREF e 15V
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com