Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1846 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC1846
Description  Silicon NPN epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1846 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC1846 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1846 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1846 Datasheet HTML 3Page - Panasonic Semiconductor 2SC1846 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC1846
2
SJD00094BED
PC  Ta
IC  VCE
IC  IB
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
fT  IE
Cob  VCB
VCER  RBE
0
6
5
4
3
2
1
0
200
40
80
160
120
Ambient temperature T
a (°C)
(1)With a 100
×100×2mm
Al heat sink
(2)Without heat sink
(1)
(2)
0
1.50
1.25
1.00
0.75
0.50
0.25
010
24
8
6
Collector-emitter voltage V
CE (V)
TC=25˚C
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
IB=10mA
0
1.2
1.0
0.8
0.6
0.4
0.2
012
210
48
6
Base current I
B (mA)
VCE=10V
Ta=25˚C
0.001
0.01
0.1
1
0.01
0.1
1
Collector current I
C (A)
IC/IB=10
–25˚C
25˚C
TC=100˚C
0.01
0.01
1
0.1
0.1
1
10
Collector current I
C (A)
IC/IB=10
TC=–25˚C
25˚C
100˚C
0.01
1
0.1
1
10
100
1000
Collector current I
C (A)
VCE=10V
TC=100˚C
–25˚C
25˚C
−1
−10
−100
0
40
80
120
200
160
Emitter current I
E (mA)
VCB=10V
f=200MHz
TC=25˚C
1
10
100
0
50
40
30
20
10
Collector-base voltage V
CB (V)
IE=0
f=1MHz
TC=25˚C
0.1
1
10
100
0
20
40
60
80
100
Base-emitter resistance R
BE (kΩ)
IC=10mA
TC=25˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com