Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07GV Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC2G07GV
Description  Buffers with open-drain outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G07GV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2G07GV Datasheet HTML 3Page - NXP Semiconductors 74LVC2G07GV Datasheet HTML 4Page - NXP Semiconductors 74LVC2G07GV Datasheet HTML 5Page - NXP Semiconductors 74LVC2G07GV Datasheet HTML 6Page - NXP Semiconductors 74LVC2G07GV Datasheet HTML 7Page - NXP Semiconductors 74LVC2G07GV Datasheet HTML 8Page - NXP Semiconductors 74LVC2G07GV Datasheet HTML 9Page - NXP Semiconductors 74LVC2G07GV Datasheet HTML 10Page - NXP Semiconductors 74LVC2G07GV Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2004 Sep 08
7
Philips Semiconductors
Product specification
Buffers with open-drain outputs
74LVC2G07
AC CHARACTERISTICS
GND = 0 V.
Note
1. All typical values are measured at Tamb =25 °C and at VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C; note 1
tPLZ/tPZL
propagation delay input nA to
output nY
see Figs 5 and 6
1.65 to 1.95
1.0
3.5
6.7
ns
2.3 to 2.7
0.5
2.4
4.3
ns
2.7
1.0
2.3
4.2
ns
3.0 to 3.6
0.5
2.6
3.7
ns
4.5 to 5.5
0.5
1.5
2.9
ns
Tamb = −40 °C to +125 °C
tPLZ/tPZL
propagation delay input nA to
output nY
see Figs 5 and 6
1.65 to 1.95
1.0
3.5
8.4
ns
2.3 to 2.7
0.5
2.4
5.5
ns
2.7
1.0
2.3
5.3
ns
3.0 to 3.6
0.5
2.6
4.7
ns
4.5 to 5.5
0.5
1.5
3.7
ns
AC WAVEFORMS
mna528
tPLZ
VX
nY output
nA input
VI
VCC
VM
VOL
GND
tPZL
VM
Fig.5 Input nA to output nY propagation delays.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
VX
INPUT
VI
tr =tf
1.65 V to 1.95 V
0.5
× VCC
VOL + 0.15 V VCC
≤ 2.0 ns
2.3 V to 2.7 V
0.5
× VCC
VOL + 0.15 V VCC
≤ 2.0 ns
2.7 V
1.5 V
VOL + 0.3 V
2.7 V
≤ 2.5 ns
3.0 V to 3.6 V
1.5 V
VOL + 0.3 V
2.7 V
≤ 2.5 ns
4.5 V to 5.5 V
0.5
× VCC
VOL + 0.3 V
VCC
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com