Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN62D0LFD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN62D0LFD
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D0LFD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN62D0LFD Datasheet HTML 1Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 2Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 3Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 4Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 5Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN62D0LFD
Document number: DS36359 Rev. 2 - 2
1 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMN62D0LFD
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = +25°C
60V
2Ω @ VGS = 4V
310mA
2.5Ω @ VGS = 2.5V
295mA
Description
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
•
DC-DC Converters
•
Power management functions
•
Battery Operated Systems and Solid-State Relays
•
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories, Transistors, etc.
Features and Benefits
•
Low On-Resistance
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
ESD Protected
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: X1-DFN1212-3
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: NiPdAu over Copper leadframe. Solderable per MIL-
STD-202, Method 208
•
Terminal Connections: See Diagram
•
Weight: 0.005 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DMN62D0LFD-7
Standard
X1-DFN1212-3
3,000/Tape & Reel
DMN62D0LFD-13
Standard
X1-DFN1212-3
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
U
V
W
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Bottom View
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Equivalent Circuit
ESD PROTECTED
K63 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2013)
M = Month (ex: 9 = September)
G pin
K63
YM
Pin-Out Top View
D
S
G
e4


Similar Part No. - DMN62D0LFD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN62D0LFD DIODES-DMN62D0LFD Datasheet
442Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN62D0LFD-13 DIODES-DMN62D0LFD-13 Datasheet
333Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN62D0LFD-13 DIODES-DMN62D0LFD-13 Datasheet
442Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN62D0LFD-7 DIODES-DMN62D0LFD-7 Datasheet
333Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN62D0LFD-7 DIODES-DMN62D0LFD-7 Datasheet
442Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMN62D0LFD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
Low On-Resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com