Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT1380AS Datasheet(PDF) 8 Page - Aimtron Technology

Part # AT1380AS
Description  Switching Regulator Controller for LCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1380AS Datasheet(HTML) 8 Page - Aimtron Technology

Back Button AT1380AS Datasheet HTML 4Page - Aimtron Technology AT1380AS Datasheet HTML 5Page - Aimtron Technology AT1380AS Datasheet HTML 6Page - Aimtron Technology AT1380AS Datasheet HTML 7Page - Aimtron Technology AT1380AS Datasheet HTML 8Page - Aimtron Technology AT1380AS Datasheet HTML 9Page - Aimtron Technology AT1380AS Datasheet HTML 10Page - Aimtron Technology AT1380AS Datasheet HTML 11Page - Aimtron Technology AT1380AS Datasheet HTML 12Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AT1380A
Preliminary Product Information
Switching Regulator Controller for LCD Bias
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
8
Functional Description
Soft Start SCP
Figure 1. Soft-Start SCP circuit
At power-on, the AT1380A enters the soft-start mode to prevent current spike and overshoot. The
capacitor CS is charged from 0V at a constant current of 1
µA.
The soft-start time for the duty cycle
When VSCP reaches 0.8V, the AT1380A leaves the soft-start mode to enter the normal mode and enable
the SCP function. If the output load conditions change rapidly causing the output to drop suddenly, the
external capacitor CS will start to charge because the error amplifier output (FB pin) is fixed at VOM+.
When the external capacitor is charged above 0.8V, the output pin is set low. Once the latch circuit has
set, the capacitor CS will be discharged to low state and the latch circuit will not reset until power is
turned off or the power supply is restarted.
Short-circuit detection time (or full soft-start time) :
)
(
8
.
0
F
CS
t
PE
µ
×
=
)
(
8
.
0
F
CS
t
S
µ
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com