Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1966 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1966
Description  Zero-Crossing Detection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1966 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1966 Datasheet HTML 1Page - IXYS Corporation CPC1966 Datasheet HTML 2Page - IXYS Corporation CPC1966 Datasheet HTML 3Page - IXYS Corporation CPC1966 Datasheet HTML 4Page - IXYS Corporation CPC1966 Datasheet HTML 5Page - IXYS Corporation CPC1966 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
CPC1966
PERFORMANCE DATA*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Load Voltage (V
P)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-6
-4
-2
0
2
4
6
Typical Load Voltage vs. Load Current
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Voltage Drop vs. Temperature
(I
F=5mA)
I
L=3AP
I
L=2AP
I
L=1AP
Temperature (ºC)
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
80
Holding Current vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1
10
100
1000
10000
Leakage Current vs. Temperature
V
L=600V
V
L=300V
Temperature (ºC)
-40
-20
0
20
40
60
80
100
720
760
800
840
880
920
Typical Blocking Voltage
vs. Temperature
Maximum Surge Current
(Non-Repetitive)
(Values Apply to T
J=50ºC Before Surge)
Time (ms)
1
10
100
1000
0
5
10
15
20
25
30
35



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com