Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST70 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BST70
Description  N-channel vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST70 Datasheet(HTML) 2 Page - NXP Semiconductors

  BST70 Datasheet HTML 1Page - NXP Semiconductors BST70 Datasheet HTML 2Page - NXP Semiconductors BST70 Datasheet HTML 3Page - NXP Semiconductors BST70 Datasheet HTML 4Page - NXP Semiconductors BST70 Datasheet HTML 5Page - NXP Semiconductors BST70 Datasheet HTML 6Page - NXP Semiconductors BST70 Datasheet HTML 7Page - NXP Semiconductors BST70 Datasheet HTML 8Page - NXP Semiconductors BST70 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel vertical D-MOS transistor
BST70A
DESCRIPTION
N-channel enhancement mode
vertical D-MOS transistor in TO-92
variant envelope and intended for use
in relay, high-speed and
line-transformer drivers.
FEATURES:
• Very low R
DS(on)
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No second breakdown
QUICK REFERENCE DATA
PINNING - TO-92 VARIANT
Drain-source voltage
VDS
max.
80 V
Gate-source voltage (open drain)
VGSO
max.
20 V
Drain current (DC)
ID
max.
0.5 A
Total power dissipation up to Tamb =25 °CPtot
max.
1 W
Drain-source ON-resistance
typ.
max.
2
4
Ω
Ω
ID = 500 mA; VGS = 10 V
RDS(on)
Transfer admittance
ID = 500 mA; VDS = 15 V
 Yfs
typ.
300 mS
1
= source
2
= gate
3
= drain
PIN CONFIGURATION
Fig.1 Simplified outline and symbol.
Note: Various pinout configurations available.
handbook, halfpage
1
3
2
MAM146
s
d
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com