Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1983B Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1983B
Description  Arc-Free With No Snubbing Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1983B Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1983B Datasheet HTML 1Page - IXYS Corporation CPC1983B Datasheet HTML 2Page - IXYS Corporation CPC1983B Datasheet HTML 3Page - IXYS Corporation CPC1983B Datasheet HTML 4Page - IXYS Corporation CPC1983B Datasheet HTML 5Page - IXYS Corporation CPC1983B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R02
CPC1983B
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.5
3.0
3.5
4.0
4.5
5.0
Typical On-Resistance
vs. Temperature
(I
F=5mA, IL=300mA)
Load Voltage (V)
-3
-2
-1
0
1
2
3
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
Typical Load Current
vs. Load Voltage
(I
F=5mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
Maximum Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
640
660
680
700
720
740
760
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
Typical Leakage Current
vs. Temperature
(V
L=600V)
Load Voltage (V)
0
50
100
150
200
0
200
400
600
800
1000
1200
Output Capacitance
vs. Load Voltage
(I
F=0mA, f=1MHz, TA=25ºC)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0
1
2
3
4
Energy Rating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com