Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1983Y Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1983Y
Description  Arc-Free With No Snubbing Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1983Y Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1983Y Datasheet HTML 1Page - IXYS Corporation CPC1983Y Datasheet HTML 2Page - IXYS Corporation CPC1983Y Datasheet HTML 3Page - IXYS Corporation CPC1983Y Datasheet HTML 4Page - IXYS Corporation CPC1983Y Datasheet HTML 5Page - IXYS Corporation CPC1983Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
CPC1983
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25°C
Parameter
Ratings
Units
Blocking Voltage
600
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
1600
mW
Isolation Voltage, Input to Output
2500
V
rms
ESD Rating, Human Body Model
8
kV
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 3.33 mW / ºC
2 Derate linearly 16.667 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
I
F=5mA, Free air
I
L
-
-
0.5
A
DC
Peak Load Current
I
F=5mA, t=10ms
I
LPK
--
3
A
On-Resistance1
I
F=5mA, IL=0.5A
R
ON
-
3.5
6
Off-State Leakage Current
I
F=0mA, VL=600VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
2.2
5
ms
Turn-Off
t
off
-
0.15
2
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-41
-
pF
Input Characteristics
Input Control Current to Activate
I
L=0.5A
I
F
-
1.3
5
mA
Input Control Current to Deactivate
-
I
F
0.5
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics
Capacitance, Input to Output
f=1MHz
C
I/O
-2
-
pF
1
Measurement taken within 1 second of on-time.
Electrical Characteristics @ 25°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Thermal Resistance (junction to case)
-
RJC
-
1.5
-
°C/W
Thermal Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com