Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPS03 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMPS03
Description  Robot Compass Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMPS03 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMPS03 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMPS03 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMPS03 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
I2C communication protocol with the compass module is the same as popular eeprom's such as the 24C04.. First send a start bit, the module
address (0XC0) with the read/write bit low, then the register number you wish to read. This is followed by a repeated start and the module
address again with the read/write bit high (0XC1). You now read one or two bytes for 8bit or 16bit registers respectively. 16bit registers are
read high byte first. The compass has a 16 byte array of registers, some of which double up as 16 bit registers as follows;
Register 0 is the Software revision number (8 at the time of writing). Register 1 is the bearing converted to a 0-255 value. This may be easier
for some applications than 0-360 which requires two bytes. For those who require better resolution registers 2 and 3 (high byte first) are a 16
bit unsigned integer in the range 0-3599. This represents 0-359.9°. Registers 4 to 11 are internal test registers and 12,13 are unused. Register
14 is undefined. Don't read them if you don't want them - you'll just waste your I2C bandwidth. Register 15 is used to calibrate the compass.
.
Register
Function
0 Software Revision Number
1 Compass Bearing as a byte, i.e. 0-255 for a full circle
2,3 Compass Bearing as a word, i.e. 0-3599 for a full circle, representing 0-359.9 degrees.
4,5 Internal Test - Sensor1 difference signal - 16 bit signed word
6,7 Internal Test - Sensor2 difference signal - 16 bit signed word
8,9 Internal Test - Calibration value 1 - 16 bit signed word
10,11 Internal Test - Calibration value 2 - 16 bit signed word
12 Unused - Read as Zero
13 Unused - Read as Zero
14 Unused - Read as Undefined
15 Calibrate Command - Write 255 to perform calibration step. See text.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com