Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA25W Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA25W
Description  TRANSIL array for data protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25W Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA25W Datasheet HTML 1Page - STMicroelectronics ESDA25W Datasheet HTML 2Page - STMicroelectronics ESDA25W Datasheet HTML 3Page - STMicroelectronics ESDA25W Datasheet HTML 4Page - STMicroelectronics ESDA25W Datasheet HTML 5Page - STMicroelectronics ESDA25W Datasheet HTML 6Page - STMicroelectronics ESDA25W Datasheet HTML 7Page - STMicroelectronics ESDA25W Datasheet HTML 8Page - STMicroelectronics ESDA25W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1 Characteristics
ESDAxxxWx
4/11
Figure 3.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25°C) (ESDA25W5 /
ESDA6V1W5 / ESDA6V1-5W6)
Figure 4.
Clamping voltage versus peak pulse
current (Tj initial = 25°C, rectangular
waveform, tp = 2.5 µs)
(ESDA25W / ESDA25W5)
Figure 5.
Clamping voltage versus peak pulse
current (Tj initial = 25°C, rectangular
waveform, tp = 2.5 µs)
(ESDA6V1W5 / ESDA6V1-5W6)
Figure 6.
Capacitance versus reverse applied
voltage (typical values)
(ESDA25W / ESDA25W5)
1
10
100
10
100
1000
t (µs)
p
P
(W)
PP
T initial = 25°C
j
ESDA6V1-5W6
ESDA6V1W5 / ESDA25W5
20
25
30
35
40
45
50
55
60
65
70
75
80
0.1
1.0
10.0
100.0
V
(V)
CL
I
(A)
PP
t = 2.5µs
p
ESDA25W
ESDA25W5
0
5
10
15
20
25
30
35
40
0.1
1.0
10.0
50.0
V
(V)
CL
I
(A)
PP
ESDA6V1W5
ESDA6V1-5W6
t = 2.5µs
p
0
5
10
15
20
25
30
35
40
45
50
1
3
5
7
9
11
13
15
17
19
21
23
25
C(pF)
ESDA25W
ESDA25W5
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com