Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5490J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM5490J
Description  Decade and Binary Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM5490J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM5490J Datasheet HTML 1Page - National Semiconductor (TI) DM5490J Datasheet HTML 2Page - National Semiconductor (TI) DM5490J Datasheet HTML 3Page - National Semiconductor (TI) DM5490J Datasheet HTML 4Page - National Semiconductor (TI) DM5490J Datasheet HTML 5Page - National Semiconductor (TI) DM5490J Datasheet HTML 6Page - National Semiconductor (TI) DM5490J Datasheet HTML 7Page - National Semiconductor (TI) DM5490J Datasheet HTML 8Page - National Semiconductor (TI) DM5490J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
’90A Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 400X
Symbol
Parameter
To (Output)
CL e 15 pF
Units
Min
Max
fMAX
Maximum Clock
A to QA
32
MHz
Frequency
BtoQB
16
tPLH
Propagation Delay Time
AtoQA
16
ns
Low to High Level Output
tPHL
Propagation Delay Time
AtoQA
18
ns
High to Low Level Output
tPLH
Propagation Delay Time
AtoQD
48
ns
Low to High Level Output
tPHL
Propagation Delay Time
AtoQD
50
ns
High to Low Level Output
tPLH
Propagation Delay Time
BtoQB
16
ns
Low to High Level Output
tPHL
Propagation Delay Time
BtoQB
21
ns
High to Low Level Output
tPLH
Propagation Delay Time
BtoQC
32
ns
Low to High Level Output
tPHL
Propagation Delay Time
BtoQC
35
ns
High to Low Level Output
tPLH
Propagation Delay Time
BtoQD
32
ns
Low to High Level Output
tPHL
Propagation Delay Time
BtoQD
35
ns
High to Low Level Output
tPLH
Propagation Delay Time
SET-9 to
30
ns
Low to High Level Output
QA QD
tPHL
Propagation Delay Time
SET-9 to
40
ns
High to Low Level Output
QB QC
tPHL
Propagation Delay Time
SET-0
40
ns
High to Low Level Output
Any Q
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com