Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOSD477M004R0100 Datasheet(PDF) 2 Page - AVX Corporation

Part # NOSD477M004R0100
Description  Niobium Oxide Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOSD477M004R0100 Datasheet(HTML) 2 Page - AVX Corporation

  NOSD477M004R0100 Datasheet HTML 1Page - AVX Corporation NOSD477M004R0100 Datasheet HTML 2Page - AVX Corporation NOSD477M004R0100 Datasheet HTML 3Page - AVX Corporation NOSD477M004R0100 Datasheet HTML 4Page - AVX Corporation NOSD477M004R0100 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
182
103015
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
Capacitance
Rated Voltage DC (VR) to 85°C
μF
Code
1.8V (x)
2.5V (e)
4.0V (G)
6.3V (J)
8V (P)
10
106
A(800,1000,
A(2200)
2000,2200)
B(1000)
15
156
A(1500,2000)
B(600,2000)
B(2000)
22
226
A(900,1900)
B(600,1900)
B(600,1900)
B(700,1800)
C(500)
B(600,1700)
33
336
B(1700)
B(600,1700)
C(500)
C(500)
W(250,500)
B(500,1600)
B(500,800)
47
476
B(500,1600)
C(300,500)
C(300,500)
C(400)
W(150,500)
C(200,500)
C(75,200,500)
68
686
W(150,400)
C(200,500)
X(100,500)
C(500)
Y(100,500)
B(350,1400)
C(70,150,400)
C(150,400)
100
107
W(150,400)
C(150,400)
X(100,400)
D(80,100,400)
D(400)
Y(100,400)
150
157
C(400)
C(65,150,400)
C(90,150,400)
D(50,70,100,400)
X(100,400)
Y(100,400)
Y(100,400)
220
227
C(125,400)
C(80,125,400)
D(40,60,100,400) D(45,60,100,400)
X(100,400)
Y(100,400)
Y(100,400)
E(80,100,400)
D(35,50,100,300)
D(35,55,100,300)
330
337
Y(100,300)
Y(100,300)
E(100)
E(80,100,300)
Y(150,300)
470
477
Y(100,300)
D(35,55,100,300)
D(100,300)
V(75,300)
E(100,300)
E(75,100,300)
680
687
E(60,300)
V(75,300)
1000
108
V(50,300)
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings, (ESR ratings in mOhms in brackets)
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com