Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4117 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N4117
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N4117 Datasheet(HTML) 1 Page - InterFET Corporation

  2N4117 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-9
2N4117, 2N4117A, 2N4118, 2N4118A, 2N4119, 2N4119A
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 40 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
300 mW
Power Derating (to 175°C)
2 mW/°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
2N4117
2N4118
2N4119
At 25°C free air temperature:
2N4117A
2N4118A
2N4119A
Process NJ01
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 40
– 40
– 40
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
2N4117, 2N4118, 2N4119
IGSS
– 10
– 10
– 10
pA
VGS = – 20V, VDS = ØV
2N4117A, 2N4118A, 2N4119A
– 1– 1– 1
pA
VGS = – 20V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 0.6
– 1.8
– 1
– 3
– 2
– 6
V
VDS = 10V, ID = 1 nA
Drain Saturation Current (Pulsed)
2N4117, 2N4118, 2N4119
IGSS
0.03
0.09
0.08
0.24
0.2
0.6
mA
VDS = 10V, VGS = ØV
2N4117A, 2N4118A, 2N4119A
0.015
0.09
0.08
0.24
0.2
0.6
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward
gfs
70
210
80
250
100
330
µS
VDS = 10V, VGS = ØV
f = 1 kHz
Transconductance
Common Source Output Conductance
gos
3
5
10
µS
VDS = 10V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
333
pF
VDS = 10V, VGS = ØV
f = 1 MHz
Common Source Reverse
Crss
1.5
1.5
1.5
pF
VDS = 10V, VGS = ØV
f = 1 MHz
Transfer Capacitance
¥ Audio Amplifiers
¥ Ultra-High Input Impedance
Amplifiers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-9


Similar Part No. - 2N4117

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4117 CALOGIC-2N4117 Datasheet
21Kb / 1P
N-Channel JFET General Purpose Amplifier
logo
RHOPOINT COMPONENTS
2N4117 RHOPOINT-2N4117 Datasheet
363Kb / 17P
N-Channel Silicon Junction Field-Effect Transistor
logo
Intersil Corporation
2N4117 INTERSIL-2N4117 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N4117 NJSEMI-2N4117 Datasheet
173Kb / 1P
N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Micross Components
2N4117 MICROSS-2N4117 Datasheet
294Kb / 1P
an Ultra-High Input Impedance N-Channel JFET
More results

Similar Description - 2N4117

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com