Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5911 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N5911
Description  Dual N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N5911 Datasheet(HTML) 1 Page - InterFET Corporation

  2N5911 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-23
2N5911, 2N5912
Dual N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Continuous Forward Gate Current
50 mA
Total Device Power Dissipation
500 mW
Power Derating
4 mW°C
Storage Temperature Range
–65°C to + 200°C
SOIC-8 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source 1, 2 Drain 1, 3 Gate 1, 4 N/C,
5 Source 2, 6 Drain 2, 7 Gate 2, 8 Omitted
TOÐ78 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source 1, 2 Drain 1, 3 Gate 1,
4 Case, 5 Source 2, 6 Drain 2,
7 Gate 2, 8 Omitted
Surface Mount
SMP5911, SMP5912
At 25°C free air temperature:
2N5911
2N5912
Process NJ30L or NJ36D
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 25
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 100
– 100
pA
VGS = – 15V, VDS = ØV
– 250
– 250
nA
VGS = – 15V, VDS = ØV
TA = 150°C
Gate Operating Current
IG
– 100
– 100
pA
VDG = 10V, ID = 5 mA
– 100
– 100
nA
VDG = 10V, ID = 5 mA
TA = 125°C
Gate Source Cutoff Voltage
VGS(OFF)
– 1– 5– 1– 5
V
VDS = 10V, ID = 1 nA
Gate Source Voltage
VGS
– 0.3
– 4
– 0.3
– 4
V
VDS = 10V, ID = 5 mA
Drain Saturation Current (Pulsed)
IDSS
740740
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source
gfs
5000 10000 5000 10000
µS
VDG = 10V, ID = 5 mA
f = 1 kHz
Forward Transconductance
5000 10000 5000 10000
µS
VDG = 10V, ID = 5 mA
f = 100 MHz
Common Source
gos
100
100
µS
VDG = 10V, ID = 5 mA
f = 1 kHz
Output Conductance
150
150
µS
VDG = 10V, ID = 5 mA
f = 100 MHz
Common Source Input Capacitance
Ciss
55
pF
VDG = 10V, ID = 5 mA
f = 1 MHz
Common Source
Crss
1.2
1.2
pF
VDG = 10V, ID = 5 mA
f = 1 MHz
Reverse Transfer Capacitance
Equivalent Short Circuit Input Noise Voltage
¯eN
20
20
nV/
√Hz
VDG = 10V, ID = 5 mA
f = 10 kHz
Noise Figure
NF
1
1
dB
VDG = 10V, ID = 5 mA
f = 10 kHz
RG = 100 KΩ
Differential Gate Current
IG1 – IG2
20
20
nA
VDG = 10V, ID = 5 mA
TA = 125°C
Saturation Drain Current Ratio
IDSS1 / IDSS2
0.95
1
0.95
1
VDG = 20V, VGS = ØV
Differential Gate Source Voltage
| VGS1 – VGS2 |
10
15
mV
VDG = 10V, ID = 5 mA
TA = 25°C,
Gate Source Voltage
∆VGS1– VGS2
20
40
mV
VDG = 10V, ID = 5 mA
TB = 125°C
Differential Drift
∆T
TA = – 55°C,
20
40
mV
VDG = 10V, ID = 5 mA
TB = 25°C
Transconductance Ratio
gfs1 / gfs2
0.9
1
0.85
1
VDG = 10V, ID = 5 mA
f = 1 kHz
¥ Wideband Differential
Amplifiers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 11:31 AM
Page B-23


Similar Part No. - 2N5911

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5911 CALOGIC-2N5911 Datasheet
24Kb / 2P
Dual N-Channel JFET High Frequency Amplifier
logo
Intersil Corporation
2N5911 INTERSIL-2N5911 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N5911 NJSEMI-2N5911 Datasheet
146Kb / 1P
DIFFETENTIAL PAIRS N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
logo
Micross Components
2N5911 MICROSS-2N5911 Datasheet
280Kb / 1P
Linear Systems replaces discontinued Siliconix & National
logo
Calogic, LLC
2N5911-12 CALOGIC-2N5911-12 Datasheet
24Kb / 2P
Dual N-Channel JFET High Frequency Amplifier
More results

Similar Description - 2N5911

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N3954 INTERFET-2N3954 Datasheet
67Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN146 INTERFET-IFN146 Datasheet
89Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN5911 INTERFET-IFN5911 Datasheet
71Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
U232 INTERFET-U232 Datasheet
414Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
2N3957 INTERFET-2N3957 Datasheet
72Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N5912 INTERFET-2N5912 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com