Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN422 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN422
Description  Dual N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN422 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN422 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-41
IFN421, IFN422, IFN423
Dual N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Device Dissipation (Derate 3.2 mW/°C to 50°C)
400 mW
Total Device Dissipation (Derate 6 mW/°C to 150°C)
750 mW
Storage Temperature Range
– 65°C to 200°C
TOÐ78 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source 1, 2 Drain 1, 3 Gate 1, 4 Case,
5 Source 2, 6 Drain 2, 7 Gate 2,
8 Omitted
At 25°C free air temperature:
IFN421, IFN422, IFN423
Process NJ01
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 40
– 60
V
IG = – 1 µA, VDS = ØV
Gate to Gate Breakdown Voltage
BVG1G2
±40
V
IG = – 1 µA, ID = ØA, IS = ØA
Gate Reverse Current
IGSS
– 1
pA
VGS = – 20V, VDS = ØV
– 1
nA
VGS = – 20V, VDS = ØV
TA = +125°C
Gate Operating Current
IG
– 0.25
pA
VDS = 10V, ID = 30 µA
– 250
pA
VDS = 10V, ID = 30 µA
TA = +125°C
Gate Source Cutoff Voltage
VGS(OFF)
– 0.4
– 2
V
VDS = 10V, ID = 1 nA
Gate Source Voltage
VGS
– 1.8
V
VDS = 10V, ID = 30 µA
Drain Saturation Current (Pulsed)
IDSS
60
1000
µA
VDS = 10V, VGS = Ø V
Dynamic Electrical Characteristics
Common Source Forward Transconductance
gfs
100
1500
µS
VDS = 10V, VGS = Ø V
f = 1 kHz
Common Source Output Conductance
gos
3µS
VDS = 10V, ID = 30 µA
f = 1 kHz
Common Source Input Capacitance
Ciss
3pF
VDS = 10V, VGS = Ø V
f = 1 MHz
Common Source Reverse Transfer Capacitance
Crss
1.5
pF
VDS = 10V, VGS = Ø V
f = 1 MHz
Equivalent Circuit Input Noise Voltage
¯eN
20
70
nV/
√Hz VDS = 10V, ID = 30 µA
f = 10 Hz
Noise Figure
NF
1
dB
VDS = 10V, ID = 30 µA
f = 10 Hz
RG = 10 MΩ
Max - IFN421 IFN422 IFN423
Differential Gate Source Voltage
|VGS1– VGS2|
10
15
25
mV
VDG = 10V, ID = 30 µA
Differential Gate Source Voltage
|VGS1– VGS2|
TA = – 55°C
10
25
40
µV/°C
VDG = 10V, ID = 30 µA
TB = 25°C
With Temperature
∆T
TC = 125°C
Min - IFN421 IFN422 IFN423
Common Mode Rejection Ratio
CMRR
90
80
80
dB
VDG = 10V to 20V, ID = 30 µA
¥ Very High Input Impedance
Differential Amplifiers
¥ Electrometers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 12:22 PM
Page B-41


Similar Part No. - IFN422

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN421 INTERFET-IFN421 Datasheet
72Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN423 INTERFET-IFN423 Datasheet
72Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN425 INTERFET-IFN425 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN426 INTERFET-IFN426 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IFN422

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN146 INTERFET-IFN146 Datasheet
89Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN5911 INTERFET-IFN5911 Datasheet
71Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
U232 INTERFET-U232 Datasheet
414Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
2N3957 INTERFET-2N3957 Datasheet
72Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N5911 INTERFET-2N5911 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
2N5912 INTERFET-2N5912 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com