Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN860 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN860
Description  Dual N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN860 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN860 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-43
IFN860
Dual N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 20 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
400 mW
Power Derating
2.3 mW/°C
Storage Temperature Range
– 65°C to 200°C
TOÐ71 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 5 Source,
6 Drain, 7 Gate
At 25°C free air temperature:
IFN860
Process NJ450L
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 20
V
IG = – 1 µA, VDS = ØV
Gate Reverse Leakage Voltage
IGSS
3nA
VGS = – 10V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 0.3
– 3
V
VDS = 10V, ID = 100 µA
Drain Saturation Current (Pulsed)
IDSS
10
mA
VDS = 10V, VGS = Ø V
Differential Gate Source Voltage
|VGS1– VGS2|
25
mV
VDS = 10V, ID = 100 µA
Dynamic Electrical Characteristics
Transconductance
gm
25
40
mS
VDS = 10V, ID = – 10 mA
f = 1 kHz
Common Source Input Capacitance
Ciss
30
35
pF
VDS = 10V, ID = – 10 mA
f = 1 MHz
Common Source Reverse Transfer
Crss
17
20
pF
VDS = 10V, ID = – 10 mA
f = 1 MHz
Capacitance
Equivalent Short Circuit
¯eN
2
nV/
√Hz VDG = 3V, ID = 10 mA
f = 1 kHz
Input Noise Voltage
¥ Low-Noise Audio Amplifier
¥ Equivalent to Crystalonics
CD860
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 12:22 PM
Page B-43


Similar Part No. - IFN860

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IFN860

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN146 INTERFET-IFN146 Datasheet
89Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN5911 INTERFET-IFN5911 Datasheet
71Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
U232 INTERFET-U232 Datasheet
414Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
2N3957 INTERFET-2N3957 Datasheet
72Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N5911 INTERFET-2N5911 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
2N5912 INTERFET-2N5912 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com