Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOSD227M006R0100 Datasheet(PDF) 3 Page - AVX Corporation

Part # NOSD227M006R0100
Description  Niobium Oxide Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOSD227M006R0100 Datasheet(HTML) 3 Page - AVX Corporation

  NOSD227M006R0100 Datasheet HTML 1Page - AVX Corporation NOSD227M006R0100 Datasheet HTML 2Page - AVX Corporation NOSD227M006R0100 Datasheet HTML 3Page - AVX Corporation NOSD227M006R0100 Datasheet HTML 4Page - AVX Corporation NOSD227M006R0100 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
183
103015
OxiCap
® NOS Low ESR Series
Niobium Oxide Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (mΩ)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
1.8 Volt @ 85°C
NOSB107M001#0350
B
100
1.8
85
0.9
125
3.6
6
350
1
0.540
0.486
0.216
NOSB107M001#1400
B
100
1.8
85
0.9
125
3.6
6
1400
1
0.270
0.243
0.108
NOSW107M001#0150
W
100
1.8
85
0.9
125
3.6
6
150
1
0.849
0.764
0.339
NOSW107M001#0400
W
100
1.8
85
0.9
125
3.6
6
400
1
0.520
0.468
0.208
NOSC157M001#0400
C
150
1.8
85
0.9
125
5.4
8
400
1
0.574
0.517
0.230
NOSC227M001#0125
C
220
1.8
85
0.9
125
8.0
8
125
1
1.028
0.925
0.411
NOSC227M001#0400
C
220
1.8
85
0.9
125
8.0
8
400
1
0.574
0.517
0.230
NOSX227M001#0100
X
220
1.8
85
0.9
125
8.0
8
100
3
1.095
0.986
0.438
NOSX227M001#0400
X
220
1.8
85
0.9
125
8.0
8
400
3
0.548
0.493
0.219
NOSY337M001#0100
Y
330
1.8
85
0.9
125
11.9
8
100
3
1.225
1.102
0.490
NOSY337M001#0300
Y
330
1.8
85
0.9
125
11.9
8
300
3
0.707
0.636
0.283
NOSY477M001#0100
Y
470
1.8
85
0.9
125
17.0
8
100
3
1.225
1.102
0.490
NOSY477M001#0300
Y
470
1.8
85
0.9
125
17.0
8
300
3
0.707
0.636
0.283
2.5 Volt @ 85°C
NOSA226M002#0900
A
22
2.5
85
1.3
125
1.1
6
900
1
0.316
0.285
0.126
NOSA226M002#1900
A
22
2.5
85
1.3
125
1.1
6
1900
1
0.218
0.196
0.087
NOSB336M002#1700
B
33
2.5
85
1.3
125
1.7
6
1700
1
0.245
0.220
0.098
NOSB476M002#0500
B
47
2.5
85
1.3
125
2.4
6
500
1
0.452
0.406
0.181
NOSB476M002#1600
B
47
2.5
85
1.3
125
2.4
6
1600
1
0.252
0.227
0.101
NOSC686M002#0200
C
68
2.5
85
1.3
125
3.4
6
200
1
0.812
0.731
0.325
NOSC686M002#0500
C
68
2.5
85
1.3
125
3.4
6
500
1
0.514
0.462
0.206
NOSW686M002#0150
W
68
2.5
85
1.3
125
3.4
6
150
1
0.849
0.764
0.339
NOSW686M002#0400
W
68
2.5
85
1.3
125
3.4
6
400
1
0.520
0.468
0.208
NOSC107M002#0150
C
100
2.5
85
1.3
125
5.0
6
150
1
0.938
0.844
0.375
NOSC107M002#0400
C
100
2.5
85
1.3
125
5.0
6
400
1
0.574
0.517
0.230
NOSC157M002#0065
C
150
2.5
85
1.3
125
7.5
6
65
1
1.425
1.283
0.570
NOSC157M002#0150
C
150
2.5
85
1.3
125
7.5
6
150
1
0.938
0.844
0.375
NOSC157M002#0400
C
150
2.5
85
1.3
125
7.5
6
400
1
0.574
0.517
0.230
NOSX157M002#0100
X
150
2.5
85
1.3
125
7.5
6
100
3
1.095
0.986
0.438
NOSX157M002#0400
X
150
2.5
85
1.3
125
7.5
6
400
3
0.548
0.493
0.219
NOSC227M002#0080
C
220
2.5
85
1.3
125
11.0
8
80
1
1.285
1.156
0.514
NOSC227M002#0125
C
220
2.5
85
1.3
125
11.0
8
125
1
1.028
0.925
0.411
NOSC227M002#0400
C
220
2.5
85
1.3
125
11.0
8
400
1
0.574
0.517
0.230
NOSY227M002#0100
Y
220
2.5
85
1.3
125
11.0
8
100
3
1.225
1.102
0.490
NOSY227M002#0400
Y
220
2.5
85
1.3
125
11.0
8
400
3
0.612
0.551
0.245
NOSD337M002#0035
D
330
2.5
85
1.3
125
16.5
10
35
3
2.268
2.041
0.907
NOSD337M002#0050
D
330
2.5
85
1.3
125
16.5
10
50
3
1.897
1.708
0.759
NOSD337M002#0100
D
330
2.5
85
1.3
125
16.5
10
100
3
1.342
1.207
0.537
NOSD337M002#0300
D
330
2.5
85
1.3
125
16.5
10
300
3
0.775
0.697
0.310
NOSY337M002#0100
Y
330
2.5
85
1.3
125
16.5
10
100
3
1.225
1.102
0.490
NOSY337M002#0300
Y
330
2.5
85
1.3
125
16.5
10
300
3
0.707
0.636
0.283
NOSD477M002#0035
D
470
2.5
85
1.3
125
23.5
12
35
3
2.268
2.041
0.907
NOSD477M002#0055
D
470
2.5
85
1.3
125
23.5
12
55
3
1.809
1.628
0.724
NOSD477M002#0100
D
470
2.5
85
1.3
125
23.5
12
100
3
1.342
1.207
0.537
NOSD477M002#0300
D
470
2.5
85
1.3
125
23.5
12
300
3
0.775
0.697
0.310
NOSE477M002#0100
E
470
2.5
85
1.3
125
23.5
10
100
3
1.407
1.266
0.563
NOSE477M002#0300
E
470
2.5
85
1.3
125
23.5
10
300
3
0.812
0.731
0.325
NOSE687M002#0060
E
680
2.5
85
1.3
125
34.0
14
60
3
1.817
1.635
0.727
NOSE687M002#0300
E
680
2.5
85
1.3
125
34.0
14
300
3
0.812
0.731
0.325
NOSV108M002#0050
V
1000
2.5
85
1.3
125
50.0
16
50
3
2.449
2.205
0.980
NOSV108M002#0300
V
1000
2.5
85
1.3
125
50.0
16
300
3
1.000
0.900
0.400
4 Volt @ 85°C
NOSA156M004#1500
A
15
4
85
2
125
1.2
6
1500
1
0.245
0.220
0.098
NOSA156M004#2000
A
15
4
85
2
125
1.2
6
2000
1
0.212
0.191
0.085
NOSB226M004#0600
B
22
4
85
2
125
1.8
6
600
1
0.412
0.371
0.165
NOSB226M004#1900
B
22
4
85
2
125
1.8
6
1900
1
0.232
0.209
0.093
NOSB336M004#0600
B
33
4
85
2
125
2.6
6
600
1
0.412
0.371
0.165
NOSB336M004#1700
B
33
4
85
2
125
2.6
6
1700
1
0.245
0.220
0.098
NOSB476M004#0500
B
47
4
85
2
125
3.8
6
500
1
0.452
0.406
0.181
NOSB476M004#1600
B
47
4
85
2
125
3.8
6
1600
1
0.252
0.227
0.101
NOSC476M004#0300
C
47
4
85
2
125
3.8
6
300
1
0.663
0.597
0.265
NOSC476M004#0500
C
47
4
85
2
125
3.8
6
500
1
0.514
0.462
0.206
NOSW476M004#0150
W
47
4
85
2
125
3.8
6
150
1
0.849
0.764
0.339
NOSW476M004#0500
W
47
4
85
2
125
3.8
6
500
1
0.465
0.418
0.186
NOSC686M004#0200
C
68
4
85
2
125
5.4
6
200
1
0.812
0.731
0.325
NOSC686M004#0500
C
68
4
85
2
125
5.4
6
500
1
0.514
0.462
0.206
NOSC107M004#0070
C
100
4
85
2
125
8.0
6
70
1
1.373
1.236
0.549
NOSC107M004#0150
C
100
4
85
2
125
8.0
6
150
1
0.938
0.844
0.375
NOSC107M004#0400
C
100
4
85
2
125
8.0
6
400
1
0.574
0.517
0.230
NOSX107M004#0100
X
100
4
85
2
125
8.0
6
100
3
1.095
0.986
0.438



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com