Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN5432 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN5432
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN5432 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN5432 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-45
IFN5432, IFN5433, IFN5434
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 25 V
Continuous Forward Gate Current
100 mA
Continuous Device Power Dissipation
300 mW
Power Derating
2.4 mW/°C
TOÐ52 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
At 25°C free air temperature:
IFN5432
IFN5433
IFN5434
Process NJ903
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 25
– 25
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 200
– 200
– 200
pA
VGS = – 15V, VDS = ØV
– 200
– 200
– 200
nA
VGS = – 15V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 4
– 10
– 3
– 9
– 1
– 4
V
VDS = 5V, IG = 3 nA
Drain Saturation Current (Pulsed)
IDSS
150
100
30
mA
VDS = 15V, VGS = ØV
Drain Cutoff Current
ID(OFF)
200
200
200
pA
VDS = 5V, VGS = – 10V
200
200
200
nA
VDS = 5V, VGS = – 10V
TA = 150°C
Drain Source ON Voltage
VDS
50
70
100
mV
VGS = ØV, ID = 10 mA
Static Drain Source ON Resistance
rDS(ON)
25
7
10
Ω
VDS = ØV, ID = 10 mA
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
57
10
Ω
VGS = ØV, ID = ØA
f = 1 kHz
Common Source Input Capacitance
Ciss
60
60
60
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Common Source Reverse
Crss
20
20
20
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Transfer Capacitance
Switching Characteristics
Turn ON Delay Time
td(on)
444
ns
VDD = 1.5 V, VGS(ON) = ØV
Rise Time
tr
111
ns
VGS(OFF) = – 12V, ID(ON) = 10 mA
Turn OFF Delay Time
td(off)
666
ns
(IFN5432) RL = 145 Ω
Fall Time
tf
30
30
30
ns
(IFN5433) RL = 143 Ω
(IFN5433) RL = 140 Ω
¥ Analog Low On Resistance
Switches
¥ Choppers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-45


Similar Part No. - IFN5432

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN5433 INTERFET-IFN5433 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5434 INTERFET-IFN5434 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IFN5432

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U311 INTERFET-U311 Datasheet
89Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com