Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0074B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0074B
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0074B Datasheet(HTML) 2 Page - CTS Corporation

  CER0074B Datasheet HTML 1Page - CTS Corporation CER0074B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0074B
1472 MHz DAB BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim
Nominal (mm)
Tolerance (mm)
+/- or max/min
A
B
5.58
Max
C
D
1.03
0.25
E
3.28
0.25
F
G
1.4
0.13
H
0.51
0.13
I
0.6
0.13
J
1.24
0.13
K
0.38
0.25
L
4.99
Max
M
3.2
Max
4.829
2.474
2.577
4.699
-0.250
0.000
0.980
1.180
2.702
2.474
2.224
2.040
3.432
4.449
Solder Resist Over Conductor
Solder Resist Over Dielectric
Exposed Conductor
Filter Outline
DIMENSION UNITS SPECIFICATION
REEL DIAMETER
mm
12
REEL WEIGHT
kg
1.2
REEL QUANTITY
ea.
1000
Customer Feed Direction
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
800
1000
1200
1400
1600
1800
2000
2200
-50
-40
-30
-20
-10
0
10
20
30
40
50
Rev 0 – Origin Date: March 7, 2006 – Revision Date: March 7, 2006



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com