Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0109B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0109B
Description  Surface mount, Silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0109B Datasheet(HTML) 2 Page - CTS Corporation

  CER0109B Datasheet HTML 1Page - CTS Corporation CER0109B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0109B
1950 MHz W-CDMA BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
L
D
E
J
G
H
I
M
B
In p u t
Ou tp u t
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
B
7.05
max
C
D
1.55
0.25
E
3.86
0.13
F
G
0.66
0.13
H
0.66
0.13
I
0.66
0.13
J
0.66
0.13
K
L
5.61
max
M
3.93
max
1. 83
0. 00
2. 59
3. 10
4. 37
F ilt e r O u t lin e
Ex p o s e d C o n d u c t o r
So ld e r R e s is t O v e r C o n d u c to r
S o ld e r R e s is t O v er D iele c t ric
D im e n s io ns a re in m m . To le ra nc e =
+ / - 0. 13
2. 21
1. 57
-0 . 1 3
0. 53
4. 85
5. 4 1
5. 66
Ou t p u t
In p u t
0. 25
DIMENSION
UNITS
SPECIFICATION
REEL DIAMETER
mm
300
REEL WEIGHT
kg
1.5
REEL QUANTITY
ea.
1000
Customer Feed Direction
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com