Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0127A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0127A
Description  Surface mount, silver (Ag) coated ceramic duplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0127A Datasheet(HTML) 2 Page - CTS Corporation

  CER0127A Datasheet HTML 1Page - CTS Corporation CER0127A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0127A
900 MHz GSM Duplexer
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
B
21.54
max
C
D
2.72
0.20
E
7.95
0.20
F
7.95
0.20
G
0.76
0.13
H
1.00
0.13
I
1.00
0.13
J
0.76
0.13
K
9.00
max
L
8.00
0.20
M
4.00
max
N
0.80
0.13
-80
-70
-60
-50
-40
-30
-20
-10
0
860
870
880
890
900
910
920
930
940
950
960
970
980
Frequency (MHz)
DIMENSION UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
2.6
REEL QUANTITY
ea.
500
Customer Feed Direction
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com