Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5490W Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM5490W
Description  Decade and Binary Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM5490W Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DM5490W Datasheet HTML 2Page - National Semiconductor (TI) DM5490W Datasheet HTML 3Page - National Semiconductor (TI) DM5490W Datasheet HTML 4Page - National Semiconductor (TI) DM5490W Datasheet HTML 5Page - National Semiconductor (TI) DM5490W Datasheet HTML 6Page - National Semiconductor (TI) DM5490W Datasheet HTML 7Page - National Semiconductor (TI) DM5490W Datasheet HTML 8Page - National Semiconductor (TI) DM5490W Datasheet HTML 9Page - National Semiconductor (TI) DM5490W Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Function Tables (Note D)
90A
BCD Count Sequence
(See Note A)
Count
Outputs
QD
QC
QB
QA
0L
L
L
L
1L
L
L
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5L
H
L
H
6L
H
H
L
7L
H
H
H
8H
L
L
L
9H
L
L
H
90A
BCD Bi-Quinary (5-2)
(See Note B)
Count
Outputs
QA
QD
QC
QB
0
LLL
L
1
LLL
H
2L
L
H
L
3L
L
H
H
4
LHL
L
5H
L
L
L
6H
L
L
H
7
HLH
L
8
HLH
H
9H
H
L
L
93A
Count Sequence
(See Note C)
Count
Outputs
QD
QC
QB
QA
0L
L
L
L
1L
L
L
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5L
H
L
H
6L
H
H
L
7L
H
H
H
8H
L
L
L
9H
L
L
H
10
H
L
H
L
11
H
L
H
H
12
H
H
L
L
13
H
H
L
H
14
H
H
H
L
15
H
H
H
H
90A
ResetCount Function Table
Reset Inputs
Outputs
R0(1)
R0(2)
R9(1)
R9(2)
QD
QC
QB
QA
HH
L
X
L
L
L
L
HH
X
L
L
L
L
L
XX
H
H
H
L
L
H
X
L
X
L
COUNT
L
X
L
X
COUNT
L
X
X
L
COUNT
X
L
L
X
COUNT
93A
ResetCount Function Table
Reset Inputs
Outputs
R0(1)
R0(2)
QD
QC
QB
QA
HH
L
L
L
L
L
X
COUNT
X
L
COUNT
Note A
Output QA is connected to input B for BCD count
Note B
Output QD is connected to input A for bi-quinary count
Note C
Output QA is connected to input B
Note D
H e High Level L e Low Level X e Don’t Care
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com