Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54L02 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54L02
Description  Quad 2-Input NOR Gates
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54L02 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM54L02 Datasheet HTML 1Page - National Semiconductor (TI) DM54L02 Datasheet HTML 2Page - National Semiconductor (TI) DM54L02 Datasheet HTML 3Page - National Semiconductor (TI) DM54L02 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
8V
Input Voltage
55V
Operating Free Air Temperature Range
DM54L
b
55 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54L02
Units
Min
Nom
Max
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
07
V
IOH
High Level Output Current
b
02
mA
IOL
Low Level Output Current
2
mA
TA
Free Air Operating Temperature
b
55
125
C
Electrical Characteristics over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VOH
High Level Output
VCC e Min IOH e Max
24
33
V
Voltage
VIL e Max
VOL
Low Level Output
VCC e Min IOL e Max
015
03
V
Voltage
VIH e Min
II
Input Current
Max
VCC e Max VI e 55V
01
mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
10
m
A
IIL
Low Level Input Current
VCC e Max VI e 03V
b
018
mA
IOS
Short Circuit
VCC e Max
b
3
b
15
mA
Output Current
(Note 2)
ICCH
Supply Current with
VCC e Max
08
16
mA
Outputs High
ICCL
Supply Current with
VCC e Max
14
26
mA
Outputs Low
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
RL e 4kX
60
ns
Low to High Level Output
CL e 50 pF
tPHL
Propagation Delay Time
60
ns
High to Low Level Output
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com