Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN5565 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN5565
Description  N-Channel Dual Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN5565 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN5565 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-46
01/99
IFN5564, IFN5565, IFN5566
N-Channel Dual Silicon Junction Field-Effect Transistor
¥ Wide Band Differential
Amplifier
¥ Commutators
Absolute maximum ratings at TA = 25¡C.
Reverse Gate Source & Reverse Gate Drain Voltage
– 40 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
650 mW
Power Derating
3.3 mW/°C
TOÐ71 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Omitted,
5 Source, 6 Drain, 7 Gate, 8 Omitted
At 25°C free air temperature:
IFN5564
IFN5565
IFN5566
Process NJ72
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 40
– 40
– 40
V
IG = – 1µA, VDS = ØV
Gate Leakage Voltage
IGSS
– 100
– 100
– 100
pA
VGS = – 20V, VDS = ØV
– 200
– 200
– 200
nA
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 0.5
– 3
– 0.5
– 3
– 0.5
– 3
V
VDS = 15V, ID = 1 nA
Gate Source Voltage
VGS(f)
111
V
VDS = ØV, IG = 2 mA
Saturation Current (Pulsed)
IDSS
530530
530
mA
VDS = 15V, VGS = ØV
Static Drain Source ON Resistance
rDS(ON)
100
100
100
Ω
ID = 1 mA, VGS = ØV
Dynamic Electrical Characteristics
Common Source
gfs
7000 12500 7000 12500 7000 12500 µhmo
VDG = 15V, ID = 2 mA
f = 1 kHz
Forward Transconductance
7000
7000
7000
µhmo
f = 100 MHz
Common Source Output Transconductance
gos
45
45
45
µhmo
VDS = 15V, ID = 2 mA
f = 1 kHz
Common Source Input Capacitance
Ciss
12
12
12
pF
VDS = 15V, ID = 2 mA
f = 1 MHz
Common Source Reverse Transfer Capacitance
Crss
333
pF
VDS = 15V, ID = 2 mA
f = 1 MHz
Noise Figure
NF
1
1
1
dB
VDS = 15V, ID = 2 mA
f = 10 Hz
RG = 1 MΩ
Equivalent Short Circuit Input Noise Voltage
¯eN
50
50
50
nV/
√Hz
VDG = 15V, ID = 2 mA
f = 10 Hz
Characteristics
Saturation Drain Current Ratio (Pulsed)
IDSS1
0.95
1
0.95
1
0.95
1
–
VDG = 15V, VGS = ØV
IDSS2
–
Differential Gate Source Voltage
|VGS(1)– VGS(2)|
5
10
20
mV
VDS = 15V, ID = 2 mA
Gate Source Voltage Differential Drift
∆|V
GS(f)– VGS(f)|
10
25
50
µV/°C
VDS = 15V,
TA = 25°C TB = 125°C
∆T
102550
µV/°C
ID = 2 mA
TA = 55°C TB = 25°C
Transconductance Ratio (Pulsed)
gfs(1)
0.95
1
0.9
1
0.9
1
–
VDS = 15V, ID = 2 mA
gfs(2)
–
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-46


Similar Part No. - IFN5565

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN5564 INTERFET-IFN5564 Datasheet
100Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN5566 INTERFET-IFN5566 Datasheet
100Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
More results

Similar Description - IFN5565

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN146 INTERFET-IFN146 Datasheet
89Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN5911 INTERFET-IFN5911 Datasheet
71Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
U232 INTERFET-U232 Datasheet
414Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
2N3957 INTERFET-2N3957 Datasheet
72Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N5911 INTERFET-2N5911 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
2N5912 INTERFET-2N5912 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com