Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0184A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0184A
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0184A Datasheet(HTML) 2 Page - CTS Corporation

  CER0184A Datasheet HTML 1Page - CTS Corporation CER0184A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0184A
3335 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
0.00
0.76
1.70
2.31
3.81
4.24
5.75
5.99
2.03
Input
Output
-0.17
Solder Resist Over Conductor
Solder Resist Over Dielectric
Exposed Conductor
Filter Outline
0.37
1.66
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
A
B
11.75
Max
C
D
2.41
0.13
E
6.6
0.13
F
G
1.02
0.13
H
0.51
0.13
I
0.51
0.13
J
1.02
0.13
K
6.9
Max
L
5.9
Max
N
1.03
0.13
M
4.6
Max
Rev 1 – Origin Date: February 3, 2006 – Revision Date: April 7, 2006
-80
-70
-60
-50
-40
-30
-20
-10
0
3000 3100 3200 3300 3400 3500 3600 3700 3800 3900 4000
-40
-30
-20
-10
0
10
20
30
40
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945"/24
0.280"/7.10 0.474"/12.05
0.189"/4.8
0.472"/12.00
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
1.7
REEL QUANTITY
ea.
1000
Customer Feed Direction
Product Marking
CTS
184
YWW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com