Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J210 Datasheet(PDF) 1 Page - InterFET Corporation

Part # J210
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

J210 Datasheet(HTML) 1 Page - InterFET Corporation

  J210 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-56
01/99
J210, J211
N-Channel Silicon Junction Field-Effect Transistor
¥ Audio Amplifiers
¥ General Purpose Amplifiers
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 25 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
360 mW
Power Derating
3.27 mW/°C
TOÐ226AA Package
Dimensions in Inches (mm)
Pin Configuration
1 Drain, 2 Source, 3 Gate
Surface Mount
SMPJ210, SMPJ211
At 25°C free air temperature:
J210
J211
Process NJ26L
Static Electrical Characteristics
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 25
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 100
– 100
pA
VGS = – 15V, VDS = ØV
Gate Operating Current
IG
– 10
– 10
pA
VDS = 20V, ID = 1 mA
Gate Source Cutoff Voltage
VGS(OFF)
– 1
– 3
– 2.5
– 4.5
V
VDS = 15V, ID = 1 nA
Drain Saturation Current (Pulsed)
IDSS
215
7
20
mA
VDS = 15V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward
gfs
4000
12000 6000
12000
µS
VDS = 15V, VGS = Ø V
f = 1 kHz
Transconductance
Common Source Output Conductance
gos
150
200
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
44
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Common Source Reverse
Crss
11
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Transfer Capacitance
Equivalent Short Circuit Input
¯eN
10
10
nV/
√Hz
VDS = 15V, VGS = ØV
f = 1 kHz
Noise Voltage
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-56


Similar Part No. - J210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J210 PHILIPS-J210 Datasheet
100Kb / 12P
N-channel field-effect transistors
1997 Dec 01
logo
Fairchild Semiconductor
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
N-Channel RF Amplifier
logo
Calogic, LLC
J210 CALOGIC-J210 Datasheet
22Kb / 2P
N-Channel JFET
logo
Linear Integrated Syste...
J210 LINEAR-J210 Datasheet
15Kb / 1P
LOW NOISE N-CHANNEL J-FET GENERAL PURPOSE AMPLIFIER
logo
List of Unclassifed Man...
J210 ETC1-J210 Datasheet
213Kb / 4P
PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
More results

Similar Description - J210

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com