Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U290 Datasheet(PDF) 1 Page - InterFET Corporation

Part # U290
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

U290 Datasheet(HTML) 1 Page - InterFET Corporation

  U290 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-65
U290, U291
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 30 V
Continuous Forward Gate Current
100 mA
Continuous Device Power Dissipation
500 mW
Power Derating
4 mW/°C
TOÐ52 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
At 25°C free air temperature:
U290
U291
Process NJ1800D
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 30
– 30
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 1
– 1
nA
VGS = – 15V, VDS = ØA
– 1
– 1
µA
VGS = – 15V, VDS = ØA
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 4
– 10
– 1.5
– 4.5
V
VDS = 15V, ID = 3 nA
Drain Saturation Current (Pulsed)
IDSS
500
200
mA
VDS = 10V, VGS = ØV
Drain Cutoff Current
ID(OFF)
11
nA
VDS = 5V, VGS = – 10V
11
µA
VDS = 5V, VGS = – 10V
TA = 150°C
Drain Source ON Voltage
VDS(ON)
30
70
mV
VGS = ØV, ID = 10 mA
Static Drain Source ON Resistance
rDS(ON)
1327
Ω
VGS = ØV, ID = 10 mA
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
1327
Ω
VGS = ØV, ID = Ø
f = 1 kHz
Drain Gate OFF Capacitance
Cdgo
30
30
pF
VDG = 15V, IS = ØV
f = 1 MHz
Source Gate OFF Capacitance
Csgo
30
30
pF
VDG = 15V, IS = ØV
f = 1 MHz
Source Gate Plus Drain Gate
Ciss
160
160
pF
VDG = ØV, VGS = ØV
f = 1 MHz
Switching Characteristics
VDD = 1.5V, ID(ON) = 30 mA
Turn ON Delay Time
td(on)
15
15
ns
RL = 50Ω
Rise Time
tr
20
20
ns
VGS(ON) = ØV
Turn OFF Delay Time
td(off)
15
15
ns
(U290) VGS(OFF) = – 12 V
Fall Time
tf
20
20
ns
(U291) VGS(OFF) = – 7V
¥ Choppers
¥ Low On Resistance Switches
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-65


Similar Part No. - U290

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U290 VISHAY-U290 Datasheet
71Kb / 5P
N-Channel JFETs
07-Jun-04
logo
Keysight Technologies
U2901A KEYSIGHT-U2901A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2902A KEYSIGHT-U2902A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2903A KEYSIGHT-U2903A Datasheet
363Kb / 10P
U2600A Series USB Modular Isolated Digital I/O Devices
U2904A KEYSIGHT-U2904A Datasheet
363Kb / 10P
U2600A Series USB Modular Isolated Digital I/O Devices
More results

Similar Description - U290

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com