Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL40M45 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # CL40M45
Description  Current Limiting Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

CL40M45 Datasheet(HTML) 1 Page - Diotec Semiconductor

  CL40M45 Datasheet HTML 1Page - Diotec Semiconductor CL40M45 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CL15M45 ... CL40M45
CL15M45 ... CL40M45
Current Limiting Diodes (Constant Current Regulators)
Strom-Begrenzer-Dioden (Konstantstromquellen)
Version 2014-12-11
Dimensions - Maße [mm]
Maximum power dissipation
Maximale Verlustleistung
1 W
Nominal Limiting Current
Nominaler Begrenzerstrom
15 ... 40 mA
Plastic case
Kunststoffgehäuse
~ SMB
~ DO-214AA
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Can be switched in parallel to achieve higher regulating currents.
Parallelschaltung möglich zur Erzielung höherer Konstantströme.
Maximum ratings and Characteristics 1)
Grenz- und Kennwerte 1)
Type 2)
Typ 2)
Regulator current
Begrenzerstrom
at/bei VT = 10 V
[mA]
Temperature
Coefficient
Temperatur-
koeffizient
Reverse
voltage
Sperr-
spannung
Limiting voltage
Grenzspannung
at/bei IL = 80% IP
Peak operating
voltage
Maximale
Arbeitsspannung
IPmin
IPnom
IPmax
αIP [10-4 /°C]
VR [V]
VL [V]
VAK [V] 3)
CL15M45
12
15
17
–26…0
0.5
3
90
CL20M45
17
20
23
–26…0
0.5
3
90
CL40M45
34
40
46
–26…0
0.5
3
90
Power dissipation
Verlustleistung
TA = 50°C
Ptot
1 W 4)
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Thermal Resistance Junction – Ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
<50 K/W 2)
Thermal Resistance Junction – Terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
<15 K/W
1
Definition see curve next page – Definition siehe Kurve nächste Seite
2
Device marking either CL40M45 (e. g.) or only CL40
Bauteilmarkierung entweder CL40M45 (z. B.) oder nur CL40
3
At VAK , IP might exceed the rated value Ipmax – Bei VAK kann IP evtl. IPmax überschreiten
4
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
Type
Typ
4.6
± 0.5
5.4± 0.5
0.15


Similar Part No. - CL40M45

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CL40M45 DIOTEC-CL40M45 Datasheet
97Kb / 2P
Current Limiting Diodes
CL40M45 DIOTEC-CL40M45 Datasheet
143Kb / 2P
SMD Current Limiting Diodes
More results

Similar Description - CL40M45

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
Current Limiting Diodes
CL20M35 DIOTEC-CL20M35 Datasheet
100Kb / 2P
Current Limiting Diodes
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
Current Limiting Diodes
logo
Central Semiconductor C...
PB-CMJ0130-CMJH180_1509 CENTRAL-PB-CMJ0130-CMJH180_1509 Datasheet
1Mb / 2P
Current Limiting Diodes
logo
Diotec Semiconductor
CL15M35 DIOTEC-CL15M35_14 Datasheet
100Kb / 2P
Current Limiting Diodes
CL10MD DIOTEC-CL10MD Datasheet
142Kb / 2P
SMD Current Limiting Diodes
CL15M35 DIOTEC-CL15M35_17 Datasheet
143Kb / 2P
SMD Current Limiting Diodes
CL15M45 DIOTEC-CL15M45_17 Datasheet
143Kb / 2P
SMD Current Limiting Diodes
CL10MD DIOTEC-CL10MD_18 Datasheet
143Kb / 3P
SMD Current Limiting Diodes
CL05M6F DIOTEC-CL05M6F Datasheet
125Kb / 2P
SMD Current Limiting Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com